Zakładka z wyszukiwarką danych komponentów |
|
SB2206121KL Arkusz danych(PDF) 5 Page - ABC Taiwan Electronics Corp |
|
SB2206121KL Arkusz danych(HTML) 5 Page - ABC Taiwan Electronics Corp |
5 / 6 page Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent 30 minutes 85±2 ℃ 30 minutes -25±2 ℃ SB2206□□□□L□-□□□ Room temp. Inductance shall Resistance test Resistance test High temp. Thermal shock test ( Temp. cycle ) AE-001A Humidity Applied current : Per spec. Time : 500 hours Temperature : 105±2℃ not change more than ±20% Applied current : Per spec. Temperature : 40±2℃ Humidity : 90 ~ 95% Time : 500 hours Total : 50 cycles 15 minutes 15 minutes Room temp. Solderability Test item Ⅷ﹒ RELIABILITY TEST: PROD. NAME REF : ABC'S DWG NO. ABC'S ITEM NO. More than 90% of the Shall be covered With fresh solder. terminal electrode SMD POWER INDUCTOR Specification Preheat : 150±25 for 60 seconds ℃ Solder temp. : 235±5℃ Dip time : 4±1 seconds Flux : Rosin Test condition SPECIFICATION FOR APPROVAL PAGE: 5 |
Podobny numer części - SB2206121KL |
|
Podobny opis - SB2206121KL |