Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB16083R3M2 Arkusz danych(PDF) 3 Page - ABC Taiwan Electronics Corp

Numer części SB16083R3M2
Szczegółowy opis  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ABC [ABC Taiwan Electronics Corp]
Strona internetowa  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB16083R3M2 Arkusz danych(HTML) 3 Page - ABC Taiwan Electronics Corp

  SB16083R3M2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB16083R3M2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB16083R3M2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB16083R3M2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB16083R3M2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB16083R3M2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
User direction of feed
Components
100
200 m/m Min.
End
Leader
no component
P:8 m/m
4 m/m
100
100
100
100
Start
Trailer
no component
400 m/m Min.
100
14
14
G.W. (Kg)
Outer : Carton
AE-001A
Q'TY (pcs)
( 3 ) Q'TY & G.W. Per Package
SB1608
SB1608
2,500
600
Series
( 2 ) Dimensions
13-12
07-12
330
178
Style
A
13-12
Style
07-12
G.W. (gw)
900
215
Inner : Reel
Q'TY (pcs)
20,000
24,000
13±0.5
13
21±0.8
21±0.8
BC
12
12
D
40 x 40 x 24
42 x 41 x 24
Size (cm)
8.0
9.4
Unit:m/m
+0
+0
-0
50
-0
50
GN
18.4
16.5
T
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Carrier Tape Width : D
C
G
( 1 ) Configuration
2.0±0.5
Ⅵ﹒
PACKAGING INFORMATION:
NAME
PROD.
REF :
T
Embossed Carrier
D
PAGE: 3
Cover Tape
SB1608□□□□2□-□□□
SMD POWER INDUCTOR


Podobny numer części - SB16083R3M2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SB160 PANJIT-SB160 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
SB160 EIC-SB160 Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Vishay Siliconix
SB160 VISHAY-SB160 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
logo
Compact Technology Corp...
SB160 CTC-SB160 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SB160 DGNJDZ-SB160 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SB16083R3M2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com