Zakładka z wyszukiwarką danych komponentów |
|
DL-5325AW-C570-HXS Arkusz danych(PDF) 2 Page - Optoway Technology Inc |
|
DL-5325AW-C570-HXS Arkusz danych(HTML) 2 Page - Optoway Technology Inc |
2 / 4 page Optoway DL-53X8AW-CXX0 **************************************************************************************************************************************************************** **************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 6/1/2008 V1.0 ABSOLUTE MAXIMUM RATINGS Stress in excess of the absolute maximum rating can cause permanent damage to the device. These are absolute stress rating only. Functional operation of the device is not implied at these or any other conditions in excess of these given in the operational sections of the datasheet. Exposure to absolute ratings for extended periods can adversely affect device reliability. Parameter Symbol Min Max Unit Optical Output Power (5338AW / 5348AW / 5358AW) Po 3 / 4 / 5 mW LD Reverse Voltage VRL 2 V PD Reverse Voltage VRD 10 V PD Forward Current IFD 1 mA Soldering Temperature Tsolder 260 / 10 oC / sec Operating Temperature Range Top -20 75 oC PRECAUTIONS for USE 1. ESD protection is imperative. Use of grounding straps, anti-static mats, and other ESD protective equipment is recommended when handling or testing an any junction photodiodes. 2. Fiber pigtails should be handled with less than 10N pull and with a bending radius greater than 30 mm. MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT Flangeless Horizontal Flange Vertical Flange Connector H H H P/N H DL-5338AW-CXX0-XXXS 9 DL-5348AW-CXX0-XXXS 10.9 DL-5358AW-CXX0-XXXS 10.9 |
Podobny numer części - DL-5325AW-C570-HXS |
|
Podobny opis - DL-5325AW-C570-HXS |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |