Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS8121KXLF Arkusz danych(PDF) 1 Page - Bothhand USA, LP.

Numer części TS8121KXLF
Szczegółowy opis  10/100 BASE PULSE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOTHHAND [Bothhand USA, LP.]
Strona internetowa  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS8121KXLF Arkusz danych(HTML) 1 Page - Bothhand USA, LP.

  TS8121KXLF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
10/100 BASE PULSE TRANSFORMER
P/N: TS8121KX LF DATA SHEET
Page : 1/1
)
Feature
l
Designed to meet IEEE 802.3u requirement, including
350uH OCL with 8mA bias.
l
Comply with RoHS requirements-whole part No Cd, No Hg,
No Cr6+, No PBB and PBDE and No Pb on external pins.
l
Comply with Air reflow profile of JEDEC 020C.
l
Operating temperature range: 0
°C to +70℃.
l
Storage temperature range: -25
°C to +125℃.
Electrical Specifications @ 25°C
Turns Ratio
Insertion Loss
(dB Max)
DCR (Ω Max)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1V
with 8mA DC Bias
CW/W
(pF Max)
L.L
(uH Max)
0.3-100 MHz
1-3/11-9 16-14/6-8
HI-POT
(Vrms)
TS8121KX LF
1CT:1 1CT:1CT
350
50
0.5
-1.15
0.9
1.1
1500
Continue
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3-30MHz 40MHz 50MHz
60-80MHz 0.3-30MHz
60MHz
80-100MHz
0.3-30MHz
60MHz
100MHz
TS8121KX LF
-18
-15.5
-13.0
-12
-50
-45
-40
-42
-35
-30
Schematic
Mechanical
Bothhandusa.com
TS8121KX LF


Podobny numer części - TS8121KXLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
TS8121KLF BOTHHAND-TS8121KLF Datasheet
79Kb / 1P
   10/100 BASE PULSE TRANSFORMER
More results

Podobny opis - TS8121KXLF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bothhand USA, LP.
TN8515 BOTHHAND-TN8515 Datasheet
187Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS6121K BOTHHAND-TS6121K_1 Datasheet
196Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS21AYHF BOTHHAND-TS21AYHF Datasheet
232Kb / 2P
   10/100 BASE PULSE TRANSFORMER
TS6121A BOTHHAND-TS6121A_1 Datasheet
260Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS8121KLF BOTHHAND-TS8121KLF Datasheet
79Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS8114LF BOTHHAND-TS8114LF Datasheet
76Kb / 1P
   10 /100 BASE PULSE TRANSFORMER
TS6122M BOTHHAND-TS6122M Datasheet
266Kb / 2P
   10/100 BASE PULSE TRANSFORMER
TS6122 BOTHHAND-TS6122 Datasheet
261Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS6121A BOTHHAND-TS6121A Datasheet
190Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS6121AZ BOTHHAND-TS6121AZ Datasheet
260Kb / 1P
   10/100 BASE PULSE TRANSFORMER
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com