Zakładka z wyszukiwarką danych komponentów |
|
SL160822NJL Arkusz danych(PDF) 6 Page - ABC Taiwan Electronics Corp |
|
SL160822NJL Arkusz danych(HTML) 6 Page - ABC Taiwan Electronics Corp |
6 / 6 page than ±30% not change more Inductance shall AR-001A Resistance test High temp. Resistance test Humidity Thermal shock test ( Temp. cycle ) Time : 500 hours Temperature : 105±2℃ Applied current : Per spec. Total : 50 cycles Temperature : 40±2℃ Humidity : 90 ~ 95% Time : 500 hours Applied current : Per spec. Room temp. 15 minutes Room temp. 15 minutes 30 minutes -25±2 ℃ 30 minutes 85±2 ℃ WOUND CHIP INDUCTOR More than 90% of the Shall be covered With fresh solder. terminal electrode SPECIFICATION FOR APPROVAL Solderability Test item Ⅸ﹒ RELIABILITY TEST: NAME PROD. REF : Solder temp. : 235±5℃ Dip time : 4±1 seconds Preheat : 150±25 for 60 seconds ℃ Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Test condition Flux : Rosin ABC'S ITEM NO. ABC'S DWG NO. Specification SL1608□□□□L□-□□□ PAGE: 6 |
Podobny numer części - SL160822NJL |
|
Podobny opis - SL160822NJL |