Zakładka z wyszukiwarką danych komponentów |
|
ACE24LC02DM+UH Arkusz danych(PDF) 3 Page - ACE Technology Co., LTD. |
|
ACE24LC02DM+UH Arkusz danych(HTML) 3 Page - ACE Technology Co., LTD. |
3 / 12 page ACE24LC02DM+ Technology Two-wire Serial EEPROM VER1.3 3 Ordering information Selection Guide ACE24LC02 XX + X H Serial Clock (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock data out of each device. Serial Data (SDA): The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be wire-ORed with any number of other open-drain or open-collector devices. Device/Page Addresses (A2, A1, A0): The A2, A1 and A0 pins are device address inputs that are hard wired for the ACE24LC02, As many as eight 2K devices may be addressed on a single bus system (device addressing is discussed in detail under the Device Addressing section). Write Protect (WP): The ACE24LC02 has a Write Protect pin that provides hardware data protection. The Write Protect pin allows normal read/write operations when connected to ground (GND). When the Write Protect pin is conceded to Vcc the write protection feature is enabled. Write Protect Description Part of the Array Protected WP Pin Status ACE24LC02 WP=VCC Full (2K) Array WP=GND Normal Read / Write Operations Memory Organization ACE24LC02, 2K SERIAL EEPROM: Internally organized with 32 pages of 8 bytes each, the 2K requires an 8-bit data word address for random word addressing. Pb - free U : Tube T : Tape and Reel DM : TDFN Halogen-free |
Podobny numer części - ACE24LC02DM+UH |
|
Podobny opis - ACE24LC02DM+UH |