Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWA-6280-ASE Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części FWA-6280-ASE
Szczegółowy opis  2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCI-X LAN I/O Cards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-6280-ASE Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  FWA-6280-ASE Datasheet HTML 1Page - Advantech Co., Ltd. FWA-6280-ASE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
All product specifications are subject to change without notice
Last updated : 31-Oct-2007
FWA-6280A 2URackmountIntelXeon®Processor-based
Platform with Modular PCI-X LAN I/O Cards
Introduction
Conceived as a powerful rackmount Internet security platform, the FWA-6280A was specifically designed for high performance IDS/IPS, firewall, VPN gateway and Unified
Threat Management (UTM). Designed with the Intel Xeon processor, it provides high performance and meets the requirements for Internet security appliances. PCI Express
technology improves the I/O bandwidth and system total bandwidth up to 32 Gb/s. The system supports two removable optional 3.5" IDE/SATA HDDs and CompactFlash for OS
and Internet security applications. In addition, the FWA-6280A can support up to 12 GB DDR2 of memory. Both CompactFlash and memory can be accessed and replaced for
software upgrades through an easily removable cover. The HDDs can be inserted/removed easily from the front panel. Designed with the Plug-and-Serve concept in mind, the
FWA-6280A offers eight 10/100/1000 Mbps LAN ports in the front panel. For easy access, the front panel has a 9-pin RS-232 serial port, a 10/100 managed LAN port, and an LCD
module for local system management, maintenance, and diagnostics. It is FCC, UL, CE and RoHS compliant.
Specifications
Processor System
CPU
Intel Xeon EM64T with hyperthreading, single or dual processor
Max. Speed
3.6 GHz
Chipset
Intel E7520 (Lindenhurst) + 6300ESB (Hance Rapids)
Front Side Bus
800 MHz
BIOS
Award™ 4 Mbit Flash
Memory
Technology
Dual-channel DDR2 400 MHz ECC registered
Capacity
Up to 12 GB with 6 slots, installed in pairs
Bus
PCIe
1 PCIe x8 connector for LAN expansion board
Riser Card
2 PCI-X 64/133 slots
Supports full-height cards and external access, such as LAN and SCSI
Ethernet
Managed LAN
1 Fast Ethernet for management
Gigabit Ethernet
8, supports fiber interface x 2 (optional)
LAN Bypass
1 segment for all copper ports
Storage
IDE/SATA
3.5" SATA HDD x 2
CompactFlash Socket
1 CF socket on IDE 1 (Secondary/Master)
Peripheral
USB
2 (USB 2.0)
Serial
1 (RS-232)
LCD Module
1
Power
Watt
500 W or 400 W ATX (1+1 redundant, 400 W each)
Input
AC 100 ~ 240 V @ 50 ~ 60 Hz, full range
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32 ~ 104° F)
-20 ~ 75° C (-4 ~ 167° F)
Humidity
5 ~ 85 % @ 40° C (104° F)
5 ~ 95 %
Physical Characteristics
Dimensions (W x H x D)
426 x 88 x 485 mm (16.8" x 3.46" x 19.1")
Weight
18 kg (40 lb)
RoHS
COMPLIANT
2002/95/EC
 Intel® Xeon® EM64T (Nocona), up to 3.6 GHz
 Dual-channel DDR2 400 MHz ECC registered, up to 12 GB
 Eight 10/100/1000 Mbps LAN ports
 Supports mini-GBIC, up to two interfaces
 PCI-X 64/133 slots 3.3 V, up to 2 slots
 Supports two removable 3.5" SATA HDDs
 One 10/100 Mbps managed LAN port


Podobny numer części - FWA-6280-ASE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
FWA-6280-C ADVANTECH-FWA-6280-C Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCIe LAN I/O Cards
FWA-6280-CFE ADVANTECH-FWA-6280-CFE Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCIe LAN I/O Cards
FWA-6280-CRE ADVANTECH-FWA-6280-CRE Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCIe LAN I/O Cards
More results

Podobny opis - FWA-6280-ASE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
FWA-6280-C ADVANTECH-FWA-6280-C Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCIe LAN I/O Cards
FWA-6480 ADVANTECH-FWA-6480 Datasheet
783Kb / 2P
   Two Dual/Quad-Core Intel짰 Xeon짰 Processor-based 2U Rackmount Platform with up to 8 PCIe GbE LAN Ports
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
logo
Advantech Co., Ltd.
FWA-3140 ADVANTECH-FWA-3140 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 4 Processor-based Platform with 4 PCI LAN Ports/2 PCI Expansion Slots
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
logo
Axiomtek Co., Ltd.
NA-551 AXIOMTEK-NA-551_17 Datasheet
223Kb / 1P
   2U Rackmount Network Appliance Platform with LGA1155 Socket Intel Xeon E3 Family Processor
logo
Advantech Co., Ltd.
FWA-3240 ADVANTECH-FWA-3240 Datasheet
1Mb / 2P
   1U Rackmount Intel Tolapai-based Platform with 4 Front LAN Ports & LCD Display
FWA-3800 ADVANTECH-FWA-3800 Datasheet
869Kb / 2P
   1U Rackmount Intel짰 Core?? Duo Processor-based Platform with 6 PCIe LAN Ports
FWA-6500 ADVANTECH-FWA-6500 Datasheet
575Kb / 2P
   Multi-Core x86 Intel짰 Xeon짰 Processor 5500 series based 2U Network Application Platform
FWA-3700 ADVANTECH-FWA-3700 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com