Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FWA-6240-CRE Arkusz danych(PDF) 2 Page - Advantech Co., Ltd.

Numer części FWA-6240-CRE
Szczegółowy opis  2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCIe LAN I/O Cards
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

FWA-6240-CRE Arkusz danych(HTML) 2 Page - Advantech Co., Ltd.

  FWA-6240-CRE Datasheet HTML 1Page - Advantech Co., Ltd. FWA-6240-CRE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
FWA-6280-C
Accessories
Part Number
Description
1703080160
PS/2 Y cable mini-DIN 16 cm
1702002600
3P 180 cm, USA
1702002605
3P 180 cm, Europe
1702031801
3P 180 cm, UK
1700000237
3P 180 cm, JP
Ordering Information
Part Number
LAN
HDD Bay
Power
FWA-6280-CRE 8 x 10/100/1000Base-TX
Hot-swappable SATA Redundnat
500 W
FWA-6280-CFE 4 x 10/100/1000Base-TX
4 x mini-GBIC
Hot-swappable SATA Redundant
500 W
FWA-6240-CRE 4 x 10/100/1000Base-TX
Hot-swappable SATA Redundant
500 W
FWA-6240-CFE 4 x mini-GBIC
Hot-swappable SATA Redundant
500 W
RJ-45 console port
LCD display module
(16 characters, 2 lines)
HDD status LED
Power LED
Eight LAN ports
Management LAN port
Two USB 2.0 ports
Two hot-swappable HDDs
Removable fans
Power supply
LAN expansion board
482
430
465
88


Podobny numer części - FWA-6240-CRE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
FWA-6240-ASE ADVANTECH-FWA-6240-ASE Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCI-X LAN I/O Cards
More results

Podobny opis - FWA-6240-CRE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
FWA-6280A ADVANTECH-FWA-6280A Datasheet
1Mb / 2P
   2U Rackmount Intel Xeon짰 Processor-based Platform with Modular PCI-X LAN I/O Cards
FWA-6480 ADVANTECH-FWA-6480 Datasheet
783Kb / 2P
   Two Dual/Quad-Core Intel짰 Xeon짰 Processor-based 2U Rackmount Platform with up to 8 PCIe GbE LAN Ports
FWA-3800 ADVANTECH-FWA-3800 Datasheet
869Kb / 2P
   1U Rackmount Intel짰 Core?? Duo Processor-based Platform with 6 PCIe LAN Ports
FWA-3700 ADVANTECH-FWA-3700 Datasheet
1Mb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
FWA-3710 ADVANTECH-FWA-3710 Datasheet
689Kb / 2P
   1U Rackmount Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
   Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
logo
Advantech Co., Ltd.
FWA-6520 ADVANTECH-FWA-6520_15 Datasheet
555Kb / 2P
   Intel짰 Xeon짰 E5-2600 v3 Processor-based 2U Network Application Platform
logo
Axiomtek Co., Ltd.
NA-551 AXIOMTEK-NA-551_17 Datasheet
223Kb / 1P
   2U Rackmount Network Appliance Platform with LGA1155 Socket Intel Xeon E3 Family Processor
logo
Advantech Co., Ltd.
FWA-3240 ADVANTECH-FWA-3240 Datasheet
1Mb / 2P
   1U Rackmount Intel Tolapai-based Platform with 4 Front LAN Ports & LCD Display
FWA-710 ADVANTECH-FWA-710 Datasheet
733Kb / 2P
   Tabletop Intel짰 Pentium짰 M Processor-based Platform with 4 PCIe LAN Ports
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com