Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE705156BM+ Arkusz danych(PDF) 10 Page - ACE Technology Co., LTD.

Numer części ACE705156BM+
Szczegółowy opis  High efficiency, Low supply current, step-up DC/DC Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE705156BM+ Arkusz danych(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE705156BM+ Datasheet HTML 6Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 7Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 8Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 9Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 10Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 11Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 12Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 13Page - ACE Technology Co., LTD. ACE705156BM+ Datasheet HTML 14Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
 
                                                                                                                      
ACE705
                        Technology
High efficiency, multi-funtion step-up
DC/DC Controller
VER 1.2
10
(3) Flyback step-up/step-down application
ACE705
Fig10
Note: In step-down and step-up/step-down application, starter circuit in fig 8 is need. In step-up application, simpler starter
circuit in fig 9 can be used.
Typical Characteristic
(Recommended operating conditions: L=10uH, Cin=47uF, Cout=100uF, Topt=25℃, unless otherwise noted)
1.Output Voltage VS. Output Current
2.Output Voltage VS. Output Current
ACE705230BN+ Output Voltage VS. Output Current
ACE705240BN+ Output Voltage VS. Output Current
Iout (mA)
Iout (mA)
3.Output Voltage VS. Output Current
4.Efficiency VS. Output Current
ACE705260BN+ Output Voltage VS. Output Current
ACE705230BN+ Efficiency VS. Output Current
Iout (mA)
Iout (mA)
 
 


Podobny numer części - ACE705156BM+

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE705125BM+H ACE-ACE705125BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705125BN+H ACE-ACE705125BN+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705130BM+H ACE-ACE705130BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705130BN+H ACE-ACE705130BN+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
ACE705160BM+H ACE-ACE705160BM+H Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
More results

Podobny opis - ACE705156BM+

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE705 ACE-ACE705_12 Datasheet
541Kb / 14P
   High efficiency, Low supply current, step-up DC/DC Controller
VER 1.4
logo
SHANGHAI BELLING CO., L...
BL8530C BELLING-BL8530C Datasheet
267Kb / 13P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, MULTI-FUNTION STEP-UP DC/DC CONTROLLER
logo
Richtek Technology Corp...
RT9263 RICHTEK-RT9263 Datasheet
196Kb / 10P
   HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER
RT9262 RICHTEK-RT9262_07 Datasheet
142Kb / 10P
   High Efficiency, Low Supply Current, Step-up DC/DC Converter
RT9262 RICHTEK-RT9262 Datasheet
110Kb / 12P
   HIGH EFFICIENCY, LOW SUPPLY CURRENT, STEP-UP DC/DC CONVERTER
RT9263 RICHTEK-RT9263_07 Datasheet
116Kb / 8P
   High Efficiency, Low Supply Current, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1674 MAXIM-MAX1674 Datasheet
521Kb / 12P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
Rev 3; 3/00
logo
List of Unclassifed Man...
HWD20011 ETC1-HWD20011 Datasheet
798Kb / 13P
   High-Efficiency, Low-Supply-Current, Compact, Step-Up DC-DC Converters
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1630A AIC-AIC1630A Datasheet
181Kb / 9P
   HIGH-EFFICIENCY STEP-UP DC/DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com