Zakładka z wyszukiwarką danych komponentów |
|
ACE705233BM+ Arkusz danych(PDF) 3 Page - ACE Technology Co., LTD. |
|
ACE705233BM+ Arkusz danych(HTML) 3 Page - ACE Technology Co., LTD. |
3 / 14 page ACE705 Technology High efficiency, multi-funtion step-up DC/DC Controller VER 1.2 3 Block Diagram ACE705 Recommended Work Conditions Item Min Nom Max Unit Input voltage range 0.8 Vout V Inductor 10 27 100 μH Input capacitor 0 ≧10 μF Output capacitor 47 100 220 μF Vout pin filter capacitor 1 nF Operating junction temperature -20 85 OC *Suggestion: Use tantalum type capacitor to reduce the ripple of the output voltage. Use 1nF filter ceramic type capacitor to connect Vout pin and GND pin. The filter capacitor is recommended as close as possible to Vout pin and GND pin. Electrical Characteristics Default condition (unless otherwise provided): Vin=0.6xVout, Iout=10mA.Temperature=25℃. Use external circuit in test circuit list. Parameter Symbol Test Conditions Min Typ Max Unit 2.45 2.5 2.55 2.646 2.7 2.754 2.94 3.0 3.06 3.234 3.3 3.366 3.528 3.6 3.672 3.92 4.0 4.08 4.9 5.0 5.1 Output Voltage Vout 5.88 6.0 6.12 V Input Voltage Vin 12 V |
Podobny numer części - ACE705233BM+ |
|
Podobny opis - ACE705233BM+ |