Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA7052A Arkusz danych(PDF) 2 Page - NXP Semiconductors

Numer części TDA7052A
Szczegółowy opis  1 W BTL mono audio amplifier with DC volume control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA7052A Arkusz danych(HTML) 2 Page - NXP Semiconductors

  TDA7052A Datasheet HTML 1Page - NXP Semiconductors TDA7052A Datasheet HTML 2Page - NXP Semiconductors TDA7052A Datasheet HTML 3Page - NXP Semiconductors TDA7052A Datasheet HTML 4Page - NXP Semiconductors TDA7052A Datasheet HTML 5Page - NXP Semiconductors TDA7052A Datasheet HTML 6Page - NXP Semiconductors TDA7052A Datasheet HTML 7Page - NXP Semiconductors TDA7052A Datasheet HTML 8Page - NXP Semiconductors TDA7052A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
July 1994
2
Philips Semiconductors
Product specification
1 W BTL mono audio amplifier with DC
volume control
TDA7052A/AT
FEATURES
• DC volume control
• Few external components
• Mute mode
• Thermal protection
• Short-circuit proof
• No switch-on and off clicks
• Good overall stability
• Low power consumption
• Low HF radiation
• ESD protected on all pins
GENERAL DESCRIPTION
The TDA7052A/AT are mono BTL output amplifiers with
DC volume control. They are designed for use in TV and
monitors, but also suitable for battery-fed portable
recorders and radios.
Missing Current Limiter (MCL)
A MCL protection circuit is built-in. The MCL circuit is
activated when the difference in current between the
output terminal of each amplifier exceeds 100 mA (typical
300 mA). This level of 100 mA allows for headphone
applications (single-ended).
QUICK REFERENCE DATA
ORDERING INFORMATION
Notes
1. SOT97-1; 1996 September 10.
2. SOT96-1; 1996 September 10.
SYMBOL
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage range
4.5
18
V
PO
output power
TDA7052A
RL = 8 Ω; VP = 6 V
1.0
1.1
W
TDA7052AT
RL = 16 Ω; VP = 6 V
0.5
0.55
W
Gv
maximum total voltage gain
34.5
35.5
36.5
dB
φ
gain control range
75
80
dB
IP
total quiescent current
VP = 6 V; RL = ∞−
712
mA
THD
total harmonic distortion
TDA7052A
PO = 0.5 W
0.3
1
%
TDA7052AT
PO = 0.25 W
0.3
1
%
EXTENDED TYPE
NUMBER
PACKAGE
PINS
PIN POSITION
MATERIAL
CODE
TDA7052A
8
DIL
plastic
SOT97(1)
TDA7052AT
8
mini-pack
plastic
SOT96A(2)


Podobny numer części - TDA7052A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A NXP-TDA7052A Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Unisonic Technologies
TDA7052A UTC-TDA7052A Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
TDA7052AG-D08-T UTC-TDA7052AG-D08-T Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
TDA7052AG-S08-R UTC-TDA7052AG-S08-R Datasheet
164Kb / 5P
   1W BTL MONO AUDIO AMPLIFIER WITH DC VOLUME CONTROL
More results

Podobny opis - TDA7052A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA7052A PHILIPS-TDA7052A Datasheet
70Kb / 12P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052AN NXP-TDA7052AN Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
TDA7052A_AT PHILIPS-TDA7052A_AT_15 Datasheet
313Kb / 14P
   1 W BTL mono audio amplifier with DC volume control
July 1994
logo
Integral Corp.
ILA7056B INTEGRAL-ILA7056B Datasheet
390Kb / 7P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7056AT PHILIPS-TDA7056AT Datasheet
128Kb / 20P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
TDA7056B PHILIPS-TDA7056B Datasheet
101Kb / 16P
   5 W mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056AT PHILIPS-TDA7056AT_15 Datasheet
140Kb / 18P
   3 W mono BTL audio amplifier with DC volume control
1998 Feb 23
logo
KODENSHI_AUK CORP.
KKA7056B KODENSHI-KKA7056B Datasheet
238Kb / 6P
   5 W MONO BTL AUDIO AMPLIFIER WITH DC VOLUME CONTROL
logo
NXP Semiconductors
TDA7052B PHILIPS-TDA7052B Datasheet
111Kb / 16P
   Mono BTL audio amplifier with DC volume control
1997 Aug 15
TDA7056A PHILIPS-TDA7056A Datasheet
58Kb / 9P
   3 W BTL mono audio output amplifier with DC volume control
July 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com