Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2028D1YZFR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2028D1YZFR
Szczegółowy opis  3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2028D1YZFR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA2028D1YZFR Datasheet HTML 4Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 5Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 6Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 7Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 8Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 9Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 10Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 11Page - Texas Instruments TPA2028D1YZFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
VDD − Supply Voltage − V
0
1
2
3
4
5
6
7
8
9
10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
G001
RL = 8 Ω + 33 µH
EN = VDD
VDD − Supply Voltage − V
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
G002
En = 0 V
SWS = 1
RL = 8 Ω + 33 µH
Input Level − dBV
−50
−40
−30
−20
−10
0
10
20
−40
−30
−20
−10
0
10
G003
RL = 8 Ω + 33 µH
VDD = 5 V
Fixed Gain = Max Gain = 30 dB
Compression Ratio = 1:1
Limiter Level = −6.5
Limiter Level = −4.5
Limiter Level = −2.5
Limiter Level = −0.5
Limiter Level = 1.5
Limiter Level = 3.5
Limiter Level = 5.5
Limiter Level = 7.5
Limiter Level = 9
Input Level − dBV
−50
−40
−30
−20
−10
0
10
20
−70
−50
−30
−10
10
G004
Limiter Level = 9 dBV
RL = 8 Ω + 33 µH
VDD = 5 V
Max Gain = 30 dB
Fixed Gain = −12
Fixed Gain = −9
Fixed Gain = −6
Fixed Gain = −3
Fixed Gain = 0
Fixed Gain = 3
Fixed Gain = 6
Fixed Gain = 9
Fixed Gain = 12
Input Level − dBV
−50
−40
−30
−20
−10
0
10
20
−70
−50
−30
−10
10
G005
Limiter Level = 9 dBV
RL = 8 Ω + 33 µH
VDD = 5 V
Max Gain = 30 dB
Fixed Gain = −15
Fixed Gain = −12
Fixed Gain = −9
Fixed Gain = −6
Fixed Gain = −3
Fixed Gain = 0
Fixed Gain = 3
Fixed Gain = 6
Fixed Gain = −27
Fixed Gain = −24
Fixed Gain = −21
Fixed Gain = −18
Input Level − dBV
−50
−40
−30
−20
−10
0
10
20
−70
−50
−30
−10
10
G006
Limiter Level = 9 dBV
RL = 8 Ω + 33 µH
VDD = 5 V
Max Gain = 30 dB
Fixed Gain = −12
Fixed Gain = −9
Fixed Gain = −6
Fixed Gain = −3
Fixed Gain = 0
Fixed Gain = 3
Fixed Gain = −27
Fixed Gain = −24
Fixed Gain = −21
Fixed Gain = −18
Fixed Gain = −15
TPA2028D1
SLOS660 – JANUARY 2010
www.ti.com
QUIESCENT SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE IN SHUTDOWN
Figure 3.
Figure 4.
OUTPUT LEVEL
OUTPUT LEVEL
vs
vs
INPUT LEVEL WITH LIMITER ENABLED
INPUT LEVEL WITH 2:1 COMPRESSION
Figure 5.
Figure 6.
OUTPUT LEVEL
OUTPUT LEVEL
vs
vs
INPUT LEVEL WITH 4:1 COMPRESSION
INPUT LEVEL WITH 8:1 COMPRESSION
Figure 7.
Figure 8.
8
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPA2028D1


Podobny numer części - TPA2028D1YZFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2028D1YZFR TI-TPA2028D1YZFR Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1YZFR TI1-TPA2028D1YZFR Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TPA2028D1YZFR TI1-TPA2028D1YZFR Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
More results

Podobny opis - TPA2028D1YZFR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1_17 Datasheet
2Mb / 43P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With Fast Gain Ramp SmartGain AGC/DRC
TPA2028D1 TI-TPA2028D1_15 Datasheet
2Mb / 39P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2028D1 TI-TPA2028D1_10 Datasheet
1Mb / 37P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2018D1 TI-TPA2018D1 Datasheet
1Mb / 36P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier with SmartGain AGC/DRC
TPA2029D1 TI1-TPA2029D1 Datasheet
656Kb / 17P
[Old version datasheet]   3-W Mono Class-D Audio Amplifier With SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2_15 Datasheet
1Mb / 39P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
TPA2026D2 TI-TPA2026D2 Datasheet
726Kb / 36P
[Old version datasheet]   3.2-W/Ch Stereo Class-D Audio Amplifier with Fast Gain Ramp SmartGain??AGC/DRC
logo
Anpec Electronics Corop...
APA2011 ANPEC-APA2011 Datasheet
684Kb / 27P
   2.8W Mono Class D Audio Power Amplifier with AGC
logo
Eutech Microelectronics...
EUA2011 EUTECH-EUA2011 Datasheet
570Kb / 16P
   3-W Mono Filterless Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58672 NXP-SA58672 Datasheet
192Kb / 27P
   3.0 W mono class-D audio amplifier
Rev. 04-8 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com