Zakładka z wyszukiwarką danych komponentów |
|
SSAA110600 Arkusz danych(PDF) 4 Page - ALPS ELECTRIC CO.,LTD. |
|
SSAA110600 Arkusz danych(HTML) 4 Page - ALPS ELECTRIC CO.,LTD. |
4 / 4 page 111 Other Use type Small size General Use type Big size General Use type Detector Push Slide Rotary Encoders Power Dual-in-line Package Type TACT Switch TM Custom- Products SSAH List of Varieties Series Photo Outline specificat ions Travel (mm) Actuator direction Number of poles Dimensions (mm) Page W 29 9 12 ― ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ● ― 143 D H 1-2 1-3 1-4 2-3 4-2 SSSB SSSF SSSU SSSS2 SSSS7 SSSS8 SSSS9 SSAA SSAB SSAG SSAC SSST 4 Vertical Horizontal 2 4 16.5 7 8.5 135 1 2 4 24.5 139 3 13 3.5 126 2 1 2 8.8 3 2 123 Horizontal 11.2 2.6 1.4 119 1.5 2 Vertical Horizontal 14 4.7 5 5 130 2 12.4 6 147 Horizontal 152 112 9.5 5.5 5.2 150 1.5 9 4.2 8.5 Vertical Horizontal 1 1.9 2 2 13 4.3 3.5 146 Vertical 1 9.05 1.15 ● ● ● ● ● ● ● ● ● ― 2-2 2-4 ● ● SSAD 6.7 3.2 0.7 9.5 3 0.9 117 115 1.5 Horizontal 1 ● Slide Switches Soldering Conditions ………………………………………………………………………………………154 ● Slide Switches Cautions ………………………………………………………………………………………………………155 1 2 Rating (max.)/ (min.) (Resistive load) 1mA 5V DC 0.3A 4V DC 0.1A 30V DC 0.3A 6V DC 0.1A 12V DC 0.3A 30V DC 0.1A 12V DC 0.1A 30V DC 1mA 5V DC 0.1A 12V DC 300 ±10℃ 5s max. 350 ±10℃ 5s max. 350 ±10℃ 4s max. 260 ±5℃ 3s max. 300 ±5℃ 5s max. 350 ±5℃ 3s max. Please see P.154 Manual soldering Dip soldering Reflow soldering 350 ±10℃ 3+ 1 s 0 260 ±5℃ 10 ±1s 300 ±10℃ 2s 260 ±10℃ 5 ±1s 260 ±10℃ 10 ±1s 260 ±5℃ 10 ±1s 300 ±10℃ 3+ 1s 0 260 ±5℃ 5 0 s –1 350 ±10℃ 3s max. 350 ±10℃ 3+ 1s 0 30m Ω max. 10N –10 ℃ to +60℃ –40 ℃ to +85℃ –10 ℃ to +60℃ 100m Ω max. 200m Ω max. 100M Ω min. 100V DC 100V AC for 1minute 3N for 1minute 25m Ω max. 70m Ω max. 100M Ω min. 500V DC 500V AC for 1minute 5N for 1minute 30N 20N 10N 30N Static force 10N Static force 5N 10N –20 ±2℃ for 96h 85 ±2℃ for 96h 40 ±2℃, 90 to 95%RH for 96h 50N 70m Ω max. 20m Ω max. 100M Ω min. 100V DC 100M Ω min. 500V DC 100V AC for 1minute 500V AC for 1minute 5N for 1minute 10N 20N 3N for 1minute 10N 5N 30N 40N –40 ±2℃ for 96h 30m Ω max. 100m Ω max. 25m Ω max. ※The operating temperature range for automotive applications can be raised upon request. Please contact us for requirements of this kind. Note Operating temperature range Initial contact resistance Insulation resistance Voltage proof Robustness of terminal Operating direction Pulling direction 10,000cycles 300m Ω max. 10,000cycles 500m Ω max. Operating life without load 10,000cycles 100m Ω max.※2 10,000cycles 200m Ω max. 10,000cycles 130m Ω max.※2 10,000cycles 60m Ω max. 10,000cycles 80m Ω max. 10,000cycles 45m Ω max. 10,000cycles 65m Ω max. 10,000cycles 40m Ω max. 5,000cycles 60m Ω max. 10,000cycles 100m Ω max. 10,000cycles 130m Ω max. 10,000cycles 45m Ω max. 10,000cycles 65m Ω max. 10,000cycles 200m Ω max. 1,000cycles 60m Ω max. 10,000cycles 80m Ω max. Operating life without load Load:as rating Cold Dry heat Damp heat Robustness of actuator ※ ※※※ ※ 10mA 5V DC 50 BA 3V DC Slide Switches 260 ±5℃ 3 ±1s 260 ±5℃ 5 0 s –1 |
Podobny numer części - SSAA110600 |
|
Podobny opis - SSAA110600 |