Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS512MDOM40H-S Arkusz danych(PDF) 9 Page - Transcend Information. Inc.

Numer części TS512MDOM40H-S
Szczegółowy opis  40-Pin IDE Flash Module (Horizontal)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS512MDOM40H-S Arkusz danych(HTML) 9 Page - Transcend Information. Inc.

Back Button TS512MDOM40H-S Datasheet HTML 5Page - Transcend Information. Inc. TS512MDOM40H-S Datasheet HTML 6Page - Transcend Information. Inc. TS512MDOM40H-S Datasheet HTML 7Page - Transcend Information. Inc. TS512MDOM40H-S Datasheet HTML 8Page - Transcend Information. Inc. TS512MDOM40H-S Datasheet HTML 9Page - Transcend Information. Inc. TS512MDOM40H-S Datasheet HTML 10Page - Transcend Information. Inc. TS512MDOM40H-S Datasheet HTML 11Page - Transcend Information. Inc. TS512MDOM40H-S Datasheet HTML 12Page - Transcend Information. Inc. TS512MDOM40H-S Datasheet HTML 13Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
T
T
Tr
rra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d 4
4
40
0
0---P
P
Piiin
n
n IIID
D
DE
E
E F
F
Fllla
a
as
s
sh
h
h M
M
Mo
o
od
d
du
u
ullle
e
e (((H
H
Ho
o
or
rriiiz
zzo
o
on
n
nttta
a
alll)))
T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 8
8
8G
G
GD
D
DO
O
OM
M
M4
4
40
0
0H
H
H---S
S
S
Transcend Information Inc.
Ver 1.3
9
True IDE PIO Mode Read/Write Timing
Item
Mode
0
Mode
1
Mode
2
Mode
3
Mode
4
Mode
5
Mode
6
t0
Cycle time (min)
1
600
383
240
180
120
100
80
t1
Address Valid to -IORD/-IOWR setup (min)
70
50
30
30
25
15
10
t2
-IORD/-IOWR (min)
1
165
125
100
80
70
65
55
t2
-IORD/-IOWR (min) Register (8 bit)
290
290
290
80
70
65
55
t2i -IORD/-IOWR recovery time (min)
--
--
--
70
25
25
20
t3
-IOWR data setup (min)
60
45
30
30
20
20
15
t4
-IOWR data hold (min)
30
20
15
10
10
5
5
t5
-IORD data setup (min)
50
35
20
20
20
15
10
t6
-IORD data hold (min)
5
5
5
5
5
5
5
t6Z -IORD data tristate (max)
2
30
30
30
30
30
20
20
t7
Address valid to IOCS16 assertion (max)
4
90
50
40
N/A
N/A
N/A
N/A
t8
Address valid to IOCS16 released (max)
4
60
45
30
N/A
N/A
N/A
N/A
t9
-IORD/-IOWR to address valid hold
20
15
10
10
10
10
10
tRD Read Data Valid to IORDY active (min), if
IORDY initially low after tA
0
0
0
0
0
0
0
tA IORDY Setup time
3
35
35
35
35
35
N/A
5
N/A
5
tB IORDY Pulse Width (max)
1250
1250
1250
1250
1250
N/A
5
N/A
5
tC IORDY assertion to release (max)
5
5
5
5
5
N/A
5
N/A
5
Notes: All timings are in nanoseconds. The maximum load on -IOCS16 is 1 LSTTL with a 50 pF (40pF below
120nsec Cycle Time) total load. All times are in nanoseconds. Minimum time from -IORDY high to -IORD
high is 0 nsec, but minimum -IORD width shall still be met.
(1) t0 is the minimum total cycle time, t2 is the minimum command active time, and t2i is the minimum
command recovery time or command inactive time. The actual cycle time equals the sum of the actual
command active time and the actual command inactive time. The three timing requirements of t0, t2, and
t2i shall be met. The minimum total cycle time requirement is greater than the sum of t2 and t2i. This means
a host implementation can lengthen either or both t2 or t2i to ensure that t0 is equal to or greater than the
value reported in the device’s identify device data.
(2) This parameter specifies the time from the negation edge of -IORD to the time that the data bus is
released by the device.
(3) The delay from the activation of -IORD or -IOWR until the state of IORDY is first sampled. If IORDY is
inactive then the host shall wait until IORDY is active before the PIO cycle can be completed. If the device
is not driving IORDY negated at tA after the activation of -IORD or -IOWR, then t5 shall be met and tRD is not
applicable. If the device is driving IORDY negated at the time tA after the activation of -IORD or -IOWR,
then tRD shall be met and t5 is not applicable.
(4) t7 and t8 apply only to modes 0, 1 and 2. For other modes, this signal is not valid.
(5) IORDY is not supported in this mode.


Podobny numer części - TS512MDOM40H-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS512MDOM40V TRANSCEND-TS512MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS512MDOM40V-S TRANSCEND-TS512MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
More results

Podobny opis - TS512MDOM40H-S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS64MDOM40V TRANSCEND-TS64MDOM40V Datasheet
160Kb / 8P
   40-Piin IDE Fllassh Module
logo
Advantech Co., Ltd.
PCM-233B ADVANTECH-PCM-233B_12 Datasheet
1Mb / 1P
   SATA to IDE (44-pin) Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com