Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS15TSJ35U Arkusz danych(PDF) 2 Page - Transcend Information. Inc.

Numer części TS15TSJ35U
Szczegółowy opis  Works with all 3.5??SATA hard drives
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS15TSJ35U Arkusz danych(HTML) 2 Page - Transcend Information. Inc.

  TS15TSJ35U Datasheet HTML 1Page - Transcend Information. Inc. TS15TSJ35U Datasheet HTML 2Page - Transcend Information. Inc. TS15TSJ35U Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
T
T
TS
S
S0
0
0///5
5
50
0
00
0
0G
G
G///1
1
1///1
1
15
5
5T
T
TS
S
SJ
J
J3
3
35
5
5U
U
U
StoreJet
® 35 Ultra
Transcend Information Inc.
2
Block Diagram
System Requirements
HOST (PC / NB)
USB
eSATA
StoreJet
® 35 Ultra
3.5" HDD
SATA
(SATA II PHY)
SATA
USB
(USB PHY)
eSATA
(SATA II PHY)
• Desktop computer with a working eSATA or USB port.
One of the following operating systems:
Windows
® 2000 / XP /Vista/ 7
Mac
® OS 9.0, or later (USB only)
Mac
® OS 10.4, or later (eSATA)
Linux
® Kernel 2.4, or later (USB only)
Pinouts (USB)
Pin No.
Pin Name
01
VCC
02
USB-
03
USB+
04
VSS
Pin Identification (USB)
Symbol
Function
USB-
USB+
USB differential signal
The pairs are used to transmit
Data/Address/Command
VCC
USB Cable Power Detector
VSS
Ground
Ordering Information
Device
Description
Capacity
Transcend P/N
StoreJet 35 Ultra
0GB
TS0GSJ35U
StoreJet 35 Ultra
500GB
TS500GSJ35U
StoreJet 35 Ultra
1TB
TS1TSJ35U
StoreJet 35 Ultra
1.5TB
TS15TSJ35U


Podobny numer części - TS15TSJ35U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS15TSJ35T TRANSCEND-TS15TSJ35T Datasheet
97Kb / 3P
   SATA HDD Enclosure
More results

Podobny opis - TS15TSJ35U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
MD03ACA-V TOSHIBA-MD03ACA-V Datasheet
1Mb / 2P
   Hard Disk Drives 2TB / 3TB / 4TB * 3.5-Inch / 7,200 RPM / SATA
logo
AAEON Technology
9741686004 AAEON-9741686004 Datasheet
167Kb / 1P
   Supports 3.5??SATA Interface Hard Disk
logo
Tripp Lite. All Rights ...
U339-004 TRIPPLITE-U339-004 Datasheet
168Kb / 4P
   4-Bay USB 3.0/eSATA to SATA Docking Station with Cloning, 2.5 in. to 3.5 in. SATA Hard Drives
logo
List of Unclassifed Man...
HE10 ETC2-HE10 Datasheet
303Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
US7K4000 ETC2-US7K4000 Datasheet
411Kb / 2P
   3.5-INCH ENTERPRISE 7200 RPM HARD DISK DRIVES
USHE6 ETC2-USHE6 Datasheet
325Kb / 2P
   3.5-INCH HELIUM PLATFORM ENTERPRISE HARD DISK DRIVES
A7K2000 ETC2-A7K2000 Datasheet
930Kb / 2P
   3.5-Inch Enterprise 7200 RPM Hard Disk Drives
logo
Tripp Lite. All Rights ...
U338-06N-SATA-B TRIPPLITE-U338-06N-SATA-B Datasheet
169Kb / 3P
   USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, Black
U338-06N-SATA-W TRIPPLITE-U338-06N-SATA-W Datasheet
167Kb / 3P
   USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, White
U357002 TRIPPLITE-U357002 Datasheet
513Kb / 2P
   USB 3.0 SuperSpeed 2 Bay SATA Hard Drive RAID Enclosure w Fan for 3.5 and 2.5 drives
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com