Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES5128 Arkusz danych(PDF) 5 Page - Cyrustek corporation

Numer części ES5128
Szczegółowy opis  4-1/2 digit with LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5128 Arkusz danych(HTML) 5 Page - Cyrustek corporation

  ES5128 Datasheet HTML 1Page - Cyrustek corporation ES5128 Datasheet HTML 2Page - Cyrustek corporation ES5128 Datasheet HTML 3Page - Cyrustek corporation ES5128 Datasheet HTML 4Page - Cyrustek corporation ES5128 Datasheet HTML 5Page - Cyrustek corporation ES5128 Datasheet HTML 6Page - Cyrustek corporation ES5128 Datasheet HTML 7Page - Cyrustek corporation ES5128 Datasheet HTML 8Page - Cyrustek corporation ES5128 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
V1.0
06/03/10
5
ES5128
4-1/2 digit with LED
Function Description
1. Normal Operation
When ES5128 operates at the oscillation frequency of 120KHz, the conversion period
will be 500ms. And the less frequency it has, the longer time it takes to complete one
conversion. ES5128 takes input signal from pins IN_LO and IN_HI differentially, and
take reference from pins REF_LO and REF_HI. The typical reference voltage is about
1V. A filter capacitor and a protective resistor are recommended at IN_HI and IN_LO
terminal as the test circuit of page7.
2. Range Change Function
ES5128 has 2 operation ranges such as 200.00mV and 2.0000V. When the pin RANGE
is pulled to DGND or keep floating, ES5128 operates at 200.00mV full-scale range.
When it is pulled to V+, ES5128 change the input full-scale range to 2.0000V. And the
output data still remain the maximum counting number ±19,999.
3. Data Hold Function
ES5128 support a data hold function to stop the LED panel upgrading and hold the final
data. When the pin HOLD keeps floating, ES5128 operates in free run mode, and the
data upgrades after every conversion. When it is pulled to V+, ES5128 enters HOLD
mode, the LED panel stops upgrading the output data, And the final data before the
HOLD mode is activated is held.
4. Decimal Points Controlled
ES5128 can drive 4 decimal points on LED panel. It provides four pins DP1, DP2, DP3
and DP4 to control the decimal points. Connect the pins DP1~DP4 to V+ will turn on
the relative decimal points. To turn it off, keep it floating or connect it to DGND.


Podobny numer części - ES5128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5120 CYRUSTEK-ES5120 Datasheet
811Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Ecliptek Corporation
ES5120A-12.800M ECLIPTEK-ES5120A-12.800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5120A-12800M ECLIPTEK-ES5120A-12800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
logo
ESS Technology,Inc
ES5120AQ ESS-ES5120AQ Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
More results

Podobny opis - ES5128

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES5129 CYRUSTEK-ES5129 Datasheet
674Kb / 12P
   4-1/2 digit with LCD
logo
List of Unclassifed Man...
DM-4101L ETC2-DM-4101L Datasheet
242Kb / 6P
   4 1/2-Digit DPM with BCD Outputs
DM-4101N ETC1-DM-4101N Datasheet
215Kb / 5P
   4 1/2 Digit Differential LED Digital Panel Meter
DSD-40BCD ETC1-DSD-40BCD Datasheet
144Kb / 4P
   Miniature 4 1/2 Digit, BCD Input Slave LED Display
DM-4105 ETC1-DM-4105 Datasheet
454Kb / 6P
   4-1/2-Digit, Differential LCD Display with Data Outputs
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135 MICROCHIP-TC7135_04 Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
logo
TelCom Semiconductor, I...
TC7135 TELCOM-TC7135 Datasheet
224Kb / 13P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
logo
Intersil Corporation
ICL71C03 INTERSIL-ICL71C03 Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL8052A INTERSIL-ICL8052A Datasheet
582Kb / 23P
   Precision 4 1/2 Digit, A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com