Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES5129F Arkusz danych(PDF) 3 Page - Cyrustek corporation

Numer części ES5129F
Szczegółowy opis  4-1/2 digit with LCD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES5129F Arkusz danych(HTML) 3 Page - Cyrustek corporation

  ES5129F Datasheet HTML 1Page - Cyrustek corporation ES5129F Datasheet HTML 2Page - Cyrustek corporation ES5129F Datasheet HTML 3Page - Cyrustek corporation ES5129F Datasheet HTML 4Page - Cyrustek corporation ES5129F Datasheet HTML 5Page - Cyrustek corporation ES5129F Datasheet HTML 6Page - Cyrustek corporation ES5129F Datasheet HTML 7Page - Cyrustek corporation ES5129F Datasheet HTML 8Page - Cyrustek corporation ES5129F Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
07/03/01
3
ES5129
4-1/2 digit with LCD
9
F2, E2, DP2
O Output to LCD segment.
10
B3, C3, MINUS
O Output to LCD segment.
11
A3, G3, D3
O Output to LCD segment.
12
F3, E3, DP3
O Output to LCD segment.
13
B4, C4, BC5
O Output to LCD segment.
14
A4, G4, D4
O Output to LCD segment.
15
F4, E4, DP4
O Output to LCD segment.
16
BP3
O LCD backplane signal
17
BP2
O LCD backplane signal
18
BP1
O LCD backplane signal
19
VDISP
P Negative supply for display drivers.
20
DP4/OR
I/O
Input: Turns on most significant decimal point when HI.
Output: Pulled HI when result count exceeds ±19,999.
21
DP3/UR
I/O
Input: Turn on the 2nd significant decimal point when HI.
Output: Pulled HI when result count is less than ±1,000.
22
LATCH/HOLD I/O
Input: when floating, ES5129 operates in the free-run
mode. When pulled high, the last display reading is held.
When pulled LO, the result counter contents are shown
incrementing during the de-integrate phase of cycle.
Output: Negative going edge occurs when the data latche
are upgraded. Can be used as a converter status signal.
23
V-
P Negative power supply terminal
24
V+
P Positive power supply terminal
25
CAZ
I/O Integrator amplifier input
26
CINT
I/O Integrator amplifier output
27
CONTINUITY I/O
Input: when LO, continuity flag on the display is off.
When HI, continuity flag is on.
Output: HI when voltage between inputs is less than
+200mV. LO when voltage between inputs is more than
+200mV.
28
COMMON
O Set common-mode voltage of 3.2V below V+.
29
CREF+
I/O Positive connection to external reference capacitor
30
CREF-
I/O Negative connection to external reference capacitor
31
BUFFER
O Buffer amplifier output
32
IN_LO
I Negative input voltage terminal
33
IN_HI
I Positive input voltage terminal
34
REF_HI
I Positive reference voltage terminal
35
REF_LO
I Negative reference voltage terminal
36
DGND
O Ground reference for digital section
37
RANGE
I Pulled HIGH externally for 2V scale.
38
DP2
I When HI, decimal point 2 will be on.
39
DP1
I When HI, decimal point 1 will be on.
40
OSC2
I/O
Output of first clock inverter. Input of second clock
inverter.


Podobny numer części - ES5129F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5120 CYRUSTEK-ES5120 Datasheet
811Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Ecliptek Corporation
ES5120A-12.800M ECLIPTEK-ES5120A-12.800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
ES5120A-12800M ECLIPTEK-ES5120A-12800M Datasheet
95Kb / 4P
   4.5mmHEIGHT THRU-HOLE SINEWAVE TCXO
logo
ESS Technology,Inc
ES5120AQ ESS-ES5120AQ Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
More results

Podobny opis - ES5129F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
DM-4105 ETC1-DM-4105 Datasheet
454Kb / 6P
   4-1/2-Digit, Differential LCD Display with Data Outputs
logo
Cyrustek corporation
ES5128 CYRUSTEK-ES5128 Datasheet
608Kb / 10P
   4-1/2 digit with LED
logo
LUMEX INC.
LCD-S4X1C35KF LUMEX-LCD-S4X1C35KF Datasheet
60Kb / 1P
   0.35 CHARACTER HEIGHT, 4 1/2 DIGIT LCD GALSS
LCD-S4X1C35TF LUMEX-LCD-S4X1C35TF Datasheet
62Kb / 1P
   0.35 CHARACTER HEIGHT, 4 1/2 DIGIT LCD GALSS
logo
Maxim Integrated Produc...
ICL7129A MAXIM-ICL7129A Datasheet
628Kb / 12P
   4-1/2 Digit Single-Chip A/D Converter with LCD Driver
logo
TelCom Semiconductor, I...
TC7129 TELCOM-TC7129 Datasheet
214Kb / 15P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Microchip Technology
TC7129 MICROCHIP-TC7129 Datasheet
550Kb / 24P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2002
TC7129 MICROCHIP-TC7129_06 Datasheet
562Kb / 28P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
2006
TC7129 MICROCHIP-TC7129_13 Datasheet
452Kb / 28P
   4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
11/29/12
logo
List of Unclassifed Man...
DPM2 ETC1-DPM2 Datasheet
53Kb / 2P
   3 1/2 Digit Subminiature LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com