Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES51927 Arkusz danych(PDF) 9 Page - Cyrustek corporation

Numer części ES51927
Szczegółowy opis  6000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51927 Arkusz danych(HTML) 9 Page - Cyrustek corporation

Back Button ES51927 Datasheet HTML 5Page - Cyrustek corporation ES51927 Datasheet HTML 6Page - Cyrustek corporation ES51927 Datasheet HTML 7Page - Cyrustek corporation ES51927 Datasheet HTML 8Page - Cyrustek corporation ES51927 Datasheet HTML 9Page - Cyrustek corporation ES51927 Datasheet HTML 10Page - Cyrustek corporation ES51927 Datasheet HTML 11Page - Cyrustek corporation ES51927 Datasheet HTML 12Page - Cyrustek corporation ES51927 Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Ver 2.7
9
07/10/03
ES51927
6000 Counts Smart DMM
1.3 Resistance Measurement
A re-configurable divider automatically provides a suitable full-scale range in
resistance measurement mode. The following table summarizes the full-scale
ranges and the reference resistors in each configuration.
Configuration
Full Scale Range
Relative Resistor
Equivalent value
OR1
600.0Ω*OR1
100Ω
OR2
6.000KΩ
VR5
1KΩ
OR3
60.00KΩ
VR4
10KΩ
OR4
600.0KΩ
VR3‖VR1
100KΩ
OR5
6.000MΩ
VR2‖VR1
1MΩ
OR6
60.00MΩ**
VR1
10MΩ
Note: * When auto scan mode is set, continuity check is implemented in this range
** When auto scan mode is set, the 60.00MΩ range is omitted
1.3.1 Continuity check
Continuity check shares the same configuration with 600.0Ω manual resistance
measurement mode and has buzzer output to indicate continuity. The buzzer
generates 2KHz beep whenever the reading is less than 30Ω.
1.4 Diode Measurement
Diode measurement mode shares the same configuration with 6.000V manual
voltage measurement mode and has buzzer output to indicate continuity. The
buzzer generates a 2KHz sound whenever the reading is less than 30mV. If the
test circuit is open or the voltage drop between the two ports of the device (diode)
under test is larger than 2V, the LCD panel will show “OL”.


Podobny numer części - ES51927

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51927 CYRUSTEK-ES51927 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
More results

Podobny opis - ES51927

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com