Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES51969 Arkusz danych(PDF) 10 Page - Cyrustek corporation

Numer części ES51969
Szczegółowy opis  6,600 Counts Auto DMM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51969 Arkusz danych(HTML) 10 Page - Cyrustek corporation

Back Button ES51969 Datasheet HTML 6Page - Cyrustek corporation ES51969 Datasheet HTML 7Page - Cyrustek corporation ES51969 Datasheet HTML 8Page - Cyrustek corporation ES51969 Datasheet HTML 9Page - Cyrustek corporation ES51969 Datasheet HTML 10Page - Cyrustek corporation ES51969 Datasheet HTML 11Page - Cyrustek corporation ES51969 Datasheet HTML 12Page - Cyrustek corporation ES51969 Datasheet HTML 13Page - Cyrustek corporation ES51969 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
v2.6
10
08/10/06
ES51969
6,600 Counts Auto DMM
Mode
FC1~4
2VBAR
Full Scale
Input Terminal
Automatic1
1,1,0,1
0
660.0A / 6600A
IVSL/IVSH V.S. SGND
Automatic2
1,1,1,1
0
66.00A / 660.0A
IVSL/IVSH V.S. SGND
Manual1
1,1,0,0
X
6.600A
ADP V.S. SGND
Manual2
1,0,0,0
X
66.00A
ADP V.S. SGND
Manual3
1,0,1,0
X
660.0A
ADP V.S. SGND
Manual4
1,0,0,1
X
6600A
ADP V.S. SGND
Note:
1. Connect VBAR to V- will disable the “µ2” / ”m2” symbol on LCD panel, so in the mV range of voltage
measurement, this pin must keep floating.
2. In DC current modes for clampmeter, ES51969 provides Zero function for offset removing.
3. In AC current modes for clampmeter and FC5 is set to low, ES51969 provides an Inrush function to
measure the inrush current of a motor when it’s starting up.
4. The typical connection of input terminal is as the schematic below:
IVSL
IVSH
*The voltage results from induced current flows through a load resistor. Its input range is up to 3.3Vrms.
Vin*
9R
R
RL


Podobny numer części - ES51969

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51969 CYRUSTEK-ES51969 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
More results

Podobny opis - ES51969

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51967 CYRUSTEK-ES51967_11 Datasheet
820Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com