Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES51983 Arkusz danych(PDF) 8 Page - Cyrustek corporation

Numer części ES51983
Szczegółowy opis  3 3/4 AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51983 Arkusz danych(HTML) 8 Page - Cyrustek corporation

Back Button ES51983 Datasheet HTML 4Page - Cyrustek corporation ES51983 Datasheet HTML 5Page - Cyrustek corporation ES51983 Datasheet HTML 6Page - Cyrustek corporation ES51983 Datasheet HTML 7Page - Cyrustek corporation ES51983 Datasheet HTML 8Page - Cyrustek corporation ES51983 Datasheet HTML 9Page - Cyrustek corporation ES51983 Datasheet HTML 10Page - Cyrustek corporation ES51983 Datasheet HTML 11Page - Cyrustek corporation ES51983 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
08/09/09
8
ES51983
3 3/4 AUTO DMM
Continuity check shares the same configuration with 400.0Ω manual resistance
measurement mode, but with buzzer output to indicate continuity. The buzzer generates a
2KHz sound whenever the digit number less than 25Ω. Because the cycle time of
measurement is only 70ms, the least significant digit will not display.
1.5 Diode Measurement
Diode measurement mode shares the same configuration with 4.000V manual voltage
measurement mode. If the test circuit is open or the voltage drop between the two ports
of the device (diode) under test is larger than 2V, the LCD panel will show “OL”. The
buzzer generates a 2KHz sound whenever the digit number is less than 0.25V. Because
the cycle time of measurement is only 70ms, the least significant digit will not display.
1.6 Auto power off
ES51983 has a default auto power off function. If the meter idles for more than 10
minutes, the chip automatically turns the power off. When this happens, the state of the
meter is saved. In order to disable auto power off function, power on the meter when
any of the push function, except for HOLD, is pressed down. In addition, when RS232
output is active, the auto power-off function is also disabled. The APO sign on the LCD
panel indicates whether the auto power-off is enabled or not.
Note: Powering on the meter while pressing HOLD turns on all LCD segment until
HOLD is pressed again.
1.7 Frequency counter
The time base of the frequency counter is derived from an external crystal oscillator by
4000000
Tcounter =
Fosc
where fosc is the frequency of the crystal oscillator. Thus, the counter has a 1 second time
base when a 4MHz oscillator is used. The frequency counter can select the proper range
automatically or manually. Auto-range operation extends over five decades, from 4KHz
to 40MHz The following table summarizes the full scale range of the frequency counter.
Range
Full Scale


Podobny numer części - ES51983

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51983 CYRUSTEK-ES51983 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
More results

Podobny opis - ES51983

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com