Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS120GSJ18M Arkusz danych(PDF) 3 Page - Transcend Information. Inc.

Numer części TS120GSJ18M
Szczegółowy opis  ZIF PATA HDD Enclosure
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS120GSJ18M Arkusz danych(HTML) 3 Page - Transcend Information. Inc.

  TS120GSJ18M Datasheet HTML 1Page - Transcend Information. Inc. TS120GSJ18M Datasheet HTML 2Page - Transcend Information. Inc. TS120GSJ18M Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S
S
Sttto
o
orrre
e
eJ
J
Je
e
ettt
®
®
® 1
1
18
8
8 m
m
mo
o
ob
b
biiillle
e
e
ZIF PATA HDD Enclosure
Transcend Information Inc.
3
Pinouts
Pin No.
Pin Name
01
VCC
02
USB-
03
USB+
04
VSS
Pin Identification
Symbol
Function
USB-
USB differential signal
USB+
The pairs are used to transmit
Data/Address/Command
VCC
USB Cable Power Detector
VSS
Ground
Specifications
Above technical information is based on industry standard data and tested to be reliable. However, Transcend makes no warranty, either expressed or
implied, as to its accuracy and assumes no liability in connection with the use of this product. Transcend reserves the right to make changes in
specifications at any time without prior notice.
Environment
Storage Media
1.8 inch ZIF PATA Hard Disk
Temperature
Operation
5 ℃ to 55 ℃
Storage
-20 ℃ to 60 ℃
Power Supply
USB DC 5 Volt
Power Consumption
790mA (Max.)
Size (L x W x H)
98.7 mm × 65.7 mm × 17.45 mm
Weight
120g (Max.)
Certificates
CE, FCC, BSMI


Podobny numer części - TS120GSJ18M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS120GSJ25S-S TRANSCEND-TS120GSJ25S-S Datasheet
81Kb / 3P
   SATA HDD Enclosure
More results

Podobny opis - TS120GSJ18M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS0GSJ25P TRANSCEND-TS0GSJ25P Datasheet
156Kb / 3P
   SATA HDD Enclosure
TS160GSJ25M TRANSCEND-TS160GSJ25M Datasheet
90Kb / 3P
   SATA HDD Enclosure
TS0GSJ25S TRANSCEND-TS0GSJ25S Datasheet
152Kb / 3P
   IDE HDD Enclosure
TS1TSJ35T TRANSCEND-TS1TSJ35T Datasheet
97Kb / 3P
   SATA HDD Enclosure
TS250GSJ25C TRANSCEND-TS250GSJ25C Datasheet
106Kb / 3P
   SATA HDD Enclosure
TS0GSJ25S-S TRANSCEND-TS0GSJ25S-S Datasheet
81Kb / 3P
   SATA HDD Enclosure
logo
Coolgear Inc.
USB-31SA25MB COOLGEAR-USB-31SA25MB Datasheet
508Kb / 2P
   B SATA 2.5 HDD Enclosure
logo
List of Unclassifed Man...
UA0115 ETC-UA0115 Datasheet
427Kb / 1P
   USB3.0 HDD Enclosure for 2.5
logo
Advantech Co., Ltd.
SQF-PDM ADVANTECH-SQF-PDM Datasheet
230Kb / 1P
   PATA Disk Module
logo
Greenliant systems
GLS55LD040M GREENLIANT-GLS55LD040M Datasheet
413Kb / 11P
   PATA NAND Controller
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com