Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS256MCF100I Arkusz danych(PDF) 1 Page - Transcend Information. Inc.

Numer części TS256MCF100I
Szczegółowy opis  Industrial CF Card
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS256MCF100I Arkusz danych(HTML) 1 Page - Transcend Information. Inc.

  TS256MCF100I Datasheet HTML 1Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 2Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 3Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 4Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 5Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 6Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 7Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 8Page - Transcend Information. Inc. TS256MCF100I Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
T
T
Trrra
a
an
n
ns
s
sc
c
ce
e
en
n
nd
d
d IIIn
n
nd
d
du
u
us
s
stttrrriiia
a
alll C
C
CF
F
F C
C
Ca
a
arrrd
d
d
(((T
T
TS
S
S1
1
12
2
28
8
8M
M
M ~
~
~ 1
1
16
6
6G
G
GC
C
CF
F
F1
1
10
0
00
0
0III)))
Transcend Information Inc.
V1.2
1
Description
The Transcend CF100I is a High Speed industrial
Compact Flash Card with high quality Flash Memory
assembled on a printed circuit board.
Placement
Dimensions
Features
• CompactFlash Specification Version 4.1 Complaint
• RoHS compliant products
• Single Power Supply: 3.3V
±5% or 5V±10%
• Operating Temperature: -40
oC to 85oC
• Storage Temperature: -55
oC to 100oC
• Operation Modes:
PC Card Memory Mode
PC Card IO Mode
True IDE Mode
• True IDE Mode supports:
Ultra DMA Mode 0 to Ultra DMA Mode 4
Multi-Word DMA Mode 0 to Multi-Word DMA Mode 4
PIO Mode 0 to PIO Mode 6
(Series of –P Only support PIO Mode 0 to PIO Mode
4, please see Order Information)
• True IDE Mode: Fixed Disk (Standard)
• PC Card Mode: Fixed Disk (Standard)
• Durability of Connector: 10,000 times
• MTBF: 4,000,000 hours
• Support Wear-Leveling to extend product life
Support S.M.A.R.T (Self-defined)
Support Security Command
• Compliant to CompactFlash, PCMCIA, and ATA
standards
• Mechanical Shock Test: 1500G
• Vibration Test: 20G (Peak-to-Peak)
20Hz to 2000Hz (Frequency)


Podobny numer części - TS256MCF100I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS256MCF100I TRANSCEND-TS256MCF100I Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS256MCF100I-P TRANSCEND-TS256MCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
More results

Podobny opis - TS256MCF100I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Apacer Technology Inc.
CS710-CF APACER-CS710-CF Datasheet
2Mb / 5P
   Apacer industrial CS710-CF card
CM710-CF APACER-CM710-CF Datasheet
2Mb / 5P
   Apacer industrial CM710-CF card
logo
Transcend Information. ...
TS8GCF100I-P TRANSCEND-TS8GCF100I-P Datasheet
3Mb / 80P
   Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
logo
List of Unclassifed Man...
AP-CF128ME3NR-NRQ ETC2-AP-CF128ME3NR-NRQ Datasheet
191Kb / 19P
   Compact Flash Series ??Industrial CF Specifications
logo
PHOENIX CONTACT
2701669 PHOENIX-2701669 Datasheet
52Kb / 1P
   Memory card - 32GB CF
2701668 PHOENIX-2701668 Datasheet
46Kb / 2P
   Memory card - 16GB CF
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRJ ETC2-AP-CF128ME3ER-NRJ Datasheet
185Kb / 21P
   Value Added Compact Flash Series ??Specification for Industrial CF
logo
3M Electronics
91736 3M-91736 Datasheet
424Kb / 5P
   3M??CF Card Header
logo
List of Unclassifed Man...
AP-CF128ME3ER-NRK ETC2-AP-CF128ME3ER-NRK Datasheet
795Kb / 45P
   Value Added Compact Flash Series ??Specification for Industrial CF
AU6320 ETC2-AU6320 Datasheet
522Kb / 19P
   USB2.0 CF Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com