Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS4GSDHC2 Arkusz danych(PDF) 3 Page - Transcend Information. Inc.

Numer części TS4GSDHC2
Szczegółowy opis  4~32GB High Capacity Secure Digital Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSDHC2 Arkusz danych(HTML) 3 Page - Transcend Information. Inc.

  TS4GSDHC2 Datasheet HTML 1Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 2Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 3Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 4Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 5Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 6Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 7Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 8Page - Transcend Information. Inc. TS4GSDHC2 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
S
S
SD
D
DH
H
HC
C
C C
C
Ca
a
ar
rrd
d
d s
s
se
e
er
rriiie
e
es
s
s
4~32GB High Capacity Secure Digital Card
Transcend Information Inc.
3
Bus Operating Conditions
• General
Parameter
Symbol
Min.
Max.
Unit
Remark
Peak voltage on all lines
-0.3
VDD+0.3
V
All Inputs
Input Leakage Current
-10
10
µA
All Outputs
Output Leakage Current
-10
10
µA
• Power Supply Voltage
Parameter
Symbol
Min.
Max.
Unit
Remark
Supply voltage
VDD
2.7
3.6
V
Output High Voltage
VOH
0.75* VDD
V
IOH=-100uA@VDD Min.
Output Low Voltage
VOL
0.125* VDD
V
IOL=100uA@VDD Min.
Input High Voltage
VIH
0.625* VDD VDD+0.3
V
Input Low Voltage
VIL
VSS-0.3
0.25* VDD
V
Power up time
250
ms
From 0v to VDD Min.
• Current Consumption
The current consumption is measured by averaging over 1 second.
‧ Before first command: Maximum 15 mA
‧ During initialization: Maximum 100 mA
‧ Operation in Default Mode: Maximum 100 mA
‧ Operation in High Speed Mode: Maximum 200 mA
‧ Operation with other functions: Maximum 500 mA.
Bus Signal Line Load
The total capacitance CL the CLK line of the SD Memory Card bus is the sum of the bus master capacitance CHOST, the bus
capacitance CBUS itself and the capacitance CCARD of each card connected to this line:
CL = CHOST + CBUS + Ν*CCARD
Where N is the number of connected cards.
Parameter
Symbol
Min.
Max.
Unit
Remark
Pull-up resistance
RCMD
RDAT
10
100
k
To prevent bus floating
Bus signal line capacitance
CL
40
pF
1 card
CHOST+CBUS shall not exceed
30 pF


Podobny numer części - TS4GSDHC2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
   4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6-P2 TRANSCEND-TS4GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
TS4GSDHC6V TRANSCEND-TS4GSDHC6V Datasheet
590Kb / 24P
   4GB~16GB SDHC6 HD Video Card
More results

Podobny opis - TS4GSDHC2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
   4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS8GSDHC150 TRANSCEND-TS8GSDHC150 Datasheet
480Kb / 24P
   8GB 150X High Capacity Secure Digital Card
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD Datasheet
252Kb / 2P
   Capacity: 128MB to 32GB
logo
Transcend Information. ...
TS512MSDC TRANSCEND-TS512MSDC Datasheet
198Kb / 7P
   Secure Digital Card
TS1GSDG TRANSCEND-TS1GSDG Datasheet
793Kb / 7P
   Secure Digital Card
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
Axiomtek Co., Ltd.
CFC AXIOMTEK-CFC Datasheet
185Kb / 1P
   CFast card specification standard, Capacity: 2GB up to 32GB
logo
List of Unclassifed Man...
AP-ISD256CS2A-1T ETC2-AP-ISD256CS2A-1T Datasheet
162Kb / 16P
   Industrial Secure Digital Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com