Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2GUSD Arkusz danych(PDF) 8 Page - Transcend Information. Inc.

Numer części TS2GUSD
Szczegółowy opis  microSD Memory Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GUSD Arkusz danych(HTML) 8 Page - Transcend Information. Inc.

Back Button TS2GUSD Datasheet HTML 4Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 5Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 6Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 7Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 8Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 9Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 10Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 11Page - Transcend Information. Inc. TS2GUSD Datasheet HTML 12Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
T
T
TS
S
S2
2
25
5
56
6
6M
M
M~
~
~2
2
2G
G
GU
U
US
S
SD
D
D
microSD Memory Card
Transcend Information Inc.
8
A voltage range is not supported if the corresponding bit value is set to LOW. As long as the card is busy, the
corresponding bit (31) is set to LOW.
2. CID Register
The Card IDentification (CID) register is 128 bits wide. It contains the card identification information used during the card
identification phase. Every individual flash card shall have a unique identification number. The structure of the CID
register is defined in the following paragraphs:
MID
An 8 bit binary number that identifies the card manufacturer. The MID number is controlled, defined and allocated to a
SD Memory Card manufacturer by the SD Group. This procedure is established to ensure uniqueness of the CID
register.
OID
A 2 ASCII string characters that identifies the card OEM and/or the card contents (when used as a distribution media
either on ROM or FLASH cards). The OID number is controlled, defined and allocated to a SD Memory Card
manufacturer by the SD Group. This procedure is established to ensure uniqueness of the CID register.
PNM
The product name is a string, 5 ASCII characters long.
PRV
The product revision is composed of two Binary Coded Decimal (BCD) digits, four bits each, representing an “n.m”
revision number. The “n” is the most significant nibble and “m” is the least significant nibble.
As an example, the PRV binary value field for product revision “6.2” will be: 0110 0010
PSN
The Serial Number is 32 bits of binary number.


Podobny numer części - TS2GUSD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS2GUSD-P3 TRANSCEND-TS2GUSD-P3 Datasheet
1Mb / 27P
   2GB microSD Card Reader P3
More results

Podobny opis - TS2GUSD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Japan Aviation Electron...
ST11-H JAE-ST11-H Datasheet
276Kb / 4P
   microSD Memory Card Connector
logo
Transcend Information. ...
TS256MUSD80 TRANSCEND-TS256MUSD80 Datasheet
200Kb / 6P
   80x microSD Memory Card
logo
Molex Electronics Ltd.
47219-0001 MOLEX-47219-0001 Datasheet
132Kb / 2P
   microSD Memory Card Connectors
logo
Panasonic Semiconductor
RP-SMKC PANASONIC-RP-SMKC Datasheet
156Kb / 2P
   microSD Memory Card, Industrial MLC Model
logo
Apacer Technology Inc.
MICROSD APACER-MICROSD Datasheet
894Kb / 3P
   Apacer industrial-grade MicroSD memory card
MICROSD-R1 APACER-MICROSD-R1 Datasheet
897Kb / 3P
   R1 microSD memory cards
logo
Molex Electronics Ltd.
5027740891 MOLEX11-5027740891 Datasheet
318Kb / 5P
   1.10mm (.043") Pitch microSD Memory Card Connector
logo
Panasonic Semiconductor
RP-SMSCXXDA1 PANASONIC-RP-SMSCXXDA1 Datasheet
311Kb / 2P
   microSD/SDHC Memory Card, Industrial SLC Model
RP-SMPEXXDA1 PANASONIC-RP-SMPEXXDA1 Datasheet
390Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus pSLC Model
RP-SMPE04DA1 PANASONIC-RP-SMPE04DA1 Datasheet
355Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus "SLC Lite" Model
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com