Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2GSSD10-M Arkusz danych(PDF) 9 Page - Transcend Information. Inc.

Numer części TS2GSSD10-M
Szczegółowy opis  1.0??Solid State Disk
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GSSD10-M Arkusz danych(HTML) 9 Page - Transcend Information. Inc.

Back Button TS2GSSD10-M Datasheet HTML 3Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 4Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 5Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 6Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 7Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 8Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 9Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 10Page - Transcend Information. Inc. TS2GSSD10-M Datasheet HTML 11Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
T
T
TS
S
S2
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M ~
~
~ T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M
1.0” Solid State Disk
Transcend Information Inc.
V1.6
9
SMART Command Set
SMART Command Set
SMART Command Set
SMART Command Set
SMART Command Set
SMART Feature Register Values
D0h
Read Data
D5h
Read Log
D1h
Read Attribute Threshold
D6h
Write Log
D2h
Enable/Disable Autosave
D8h
Enable SMART Operations
D3h
Save Attribute Values
D9h
Disable SMART Operations
D4h
Execute OFF-LINE Immediate
DAh
Return Status
* If reserved size is below the Threshold, the status can be read from Cylinder register by Return Status command (DAh).
SMART Data Structure
BYTE
F / V
Decription
0-1
X
Revision code
2-361
X
Vendor specific
362
V
Off line data collection status
363
X
Self-test execution status byte
364-365
V
Total time in seconds to complete off-line data collection activity
366
X
Vendor specific
367
F
Off-line data collection capability
368-369
F
SMART capability
370
F
Error logging capability
7-1 Reserved
0 1=Device error logging supported
371
X
Vendor specific
372
F
Short self-test routine recommended polling time (in minutes)
373
F
Extended self-test routine recommended polling time (in minutes)
374
F
Conveyance self-test routine recommended polling time (in minutes)
375-385
R
Reserved
386-395
F
Date Code
396-397
F
Number of initial invalid block (396 = MSB, 397 = LSB)
398-399
V
Number of run time bad block (398 = MSB, 399 = LSB)
400
V
Number of spare block


Podobny numer części - TS2GSSD10-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS2GSD133 TRANSCEND-TS2GSD133 Datasheet
200Kb / 7P
   Secure Digital Card
logo
List of Unclassifed Man...
TS2GSD150 ETC2-TS2GSD150 Datasheet
351Kb / 17P
   2GB 150x Secure Digital Card
logo
Transcend Information. ...
TS2GSD150 TRANSCEND-TS2GSD150 Datasheet
356Kb / 17P
   2GB 150x Secure Digital Card
TS2GSD80I TRANSCEND-TS2GSD80I Datasheet
265Kb / 11P
   80x Industrial Secure Digital Card
TS2GSDC TRANSCEND-TS2GSDC Datasheet
198Kb / 7P
   Secure Digital Card
More results

Podobny opis - TS2GSSD10-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com