Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS4GSSD10-M Arkusz danych(PDF) 1 Page - Transcend Information. Inc.

Numer części TS4GSSD10-M
Szczegółowy opis  1.0??Solid State Disk
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCEND [Transcend Information. Inc.]
Strona internetowa  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS4GSSD10-M Arkusz danych(HTML) 1 Page - Transcend Information. Inc.

  TS4GSSD10-M Datasheet HTML 1Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 2Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 3Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 4Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 5Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 6Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 7Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 8Page - Transcend Information. Inc. TS4GSSD10-M Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
T
T
TS
S
S2
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M ~
~
~ T
T
TS
S
S3
3
32
2
2G
G
GS
S
SS
S
SD
D
D1
1
10
0
0---M
M
M
1.0” Solid State Disk
Transcend Information Inc.
V1.6
1
Description
Description
Description
Description
The 1-inch Solid State Disk is small in size, has a
huge capacity and low power consumption making it
perfect for use as a mobile storage solution in devices
such as, Mobile Phones, PDA and GPS systems.
This guide is written to provide general installation
and handling information, please use it in conjunction
with the Owner’s Manual for your device or system.
Placement
Placement
Placement
Placement
Features
Features
Features
Features
RoHS compliant
Fully compatible with 1.0-inch hard drive form factor and
interface (35-Pin FPC ZIF connector)
Non-volatile Flash Memory for outstanding data
retention
Built-in 13/24 ECC (Error Correction Code) functionality
and wear-leveling algorithm ensures highly reliable of
data transfer
Supports up to PIO Mode 4 and Ultra DMA Mode 5
Supports ATA Security Commands
Support S.M.A.R.T function (self-definition)
Lower Power Consumption
Shock resistance
Power Supply: 3.3V ± 5%
Dimensions
Dimensions
Dimensions
Dimensions
Side
Millimeters
Inches
A
40.00 ± 0.30
1.575 ± 0.012
B
30.00 ± 0.20
1.181 ± 0.008
C
3.80 ± 0.50
0.149 ± 0.020


Podobny numer części - TS4GSSD10-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS4GSDHC10 TRANSCEND-TS4GSDHC10 Datasheet
497Kb / 26P
   4~16GB High Capacity Secure Digital Card
TS4GSDHC150 TRANSCEND-TS4GSDHC150 Datasheet
477Kb / 24P
   4GB 150X High Capacity Secure Digital Card
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
   4~32GB High Capacity Secure Digital Card
TS4GSDHC6-P2 TRANSCEND-TS4GSDHC6-P2 Datasheet
804Kb / 27P
   SDHC Memory Card Reader P2
More results

Podobny opis - TS4GSSD10-M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcend Information. ...
TS8GSSD25S-S TRANSCEND-TS8GSSD25S-S Datasheet
590Kb / 38P
   2.5??Solid State Disk
logo
Apacer Technology Inc.
SV240-300 APACER-SV240-300 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SU220-M242 APACER-SU220-M242 Datasheet
757Kb / 4P
   SSD (Solid-State Disk)
ST170-25 APACER-ST170-25 Datasheet
910Kb / 4P
   SSD (Solid-State Disk)
PV120-M280 APACER-PV120-M280 Datasheet
2Mb / 7P
   SSD (Solid-State Disk)
PV130-CFX APACER-PV130-CFX Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PV140-25 APACER-PV140-25 Datasheet
2Mb / 5P
   SSD (Solid-State Disk)
SM210-300 APACER-SM210-300 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
SH250-25 APACER-SH250-25 Datasheet
1Mb / 4P
   SSD (Solid-State Disk)
PT120-M280 APACER-PT120-M280 Datasheet
1Mb / 5P
   SSD (Solid-State Disk)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com