Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK416-090-E Arkusz danych(PDF) 11 Page - Sanyo Semicon Device

Numer części STK416-090-E
Szczegółowy opis  Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK416-090-E Arkusz danych(HTML) 11 Page - Sanyo Semicon Device

Back Button STK416-090-E Datasheet HTML 4Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 5Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 6Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 7Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 8Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 9Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 10Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 11Page - Sanyo Semicon Device STK416-090-E Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
STK416-090-E
No. A1621-11/12
A protection application circuit of STK416-100sr consists of each block of (1)-(4).
(1)Stand-by control circuit part
(2)Load short detection part
(3)Latch-up circuit part
(4)DC voltage protection part
1) Stand-by control circuit part
About #17 pin reference voltage VST.
<1> Operation mode
The SW transistor of pre-driver IC is turned on at VST
≥ 2.5V, and the amplifier becomes operation mode.
ex) at VST (min) = 2.5V
VST = (*2)
× IST + 0.6V → 2.5V=4.7kΩ × IST + 0.6V, I1 ≈ 0.40mA
<2> Stand-by mode
The SW transistor of pre-driver IC is turned off at VST
≤ 0.6V (typ 0V), and the amplifier becomes stand-by
mode.
ex) at VST = 0.6V
VST = (*2)
× IST+0.6V → 0.6V = 4.7kΩ × IST + 0.6V, I1 ≈ 0mA
(*1) Resistance for restriction
Please set R1 for the voltage (VST) of the stand-by terminal to become ratings (+2.5V to 5.5V (typ 3.0V)).
(*2) Please supply the stand-by control voltage by the microcomputer etc.
(*3) The limitation resistance is built into hybrid IC internal (#17pin) and 4.7k
Ω is built into.
2) Load short detection part
Please refer to the attached paper (RL short protect explanation) for the operation explanation.
TR1 (or TR2) doesn't move by normal operation. Because, Point.B - Point.C
< 0.6V.
Therefore load short detection part doesn't operate.
But, when a load short-circuited, TR1 (or TR2) operate (Point.B - Point.C
> 0.6V), and an electric current ‘I2’ flows.
3) Latch-up circuit part
When I2 was supplied to latch-up circuit, TR3 operate.
VST becomes stand-by mode (0V) when TR3 operates (I3 flows), the power amplifier is protected.
Stand-by mode is maintained when once TR3 operates because TR3 and TR4 compose the thyristor.
It is necessary to make the Stand-by control voltage (*2) L (0V) once to release stand-by mode and to make the
power amplifier operate again.
After, when stand-by control (*2) is returned to H (ex, +5V), it operates again.
(*4) I3 is changed depending on the power-supply voltage (-VCC).
Please set resistance (R2) to become I1 < I3 by the following calculation types.
I1
≤ I3=VCC/R2
4) DC offset protection part
DC offset protection works at applying VDC (+), VDC (-)
≈ 0.5V (typ) to ‘OUT CH1’ or ‘OUT Ch2’, then HIC will
shutdown (stand-by mode).
It is necessary to make the stand-by control voltage (*2) L (0V) once to release stand-by mode.
The power amplifier operates again after stand-by control (*2) return to H (ex, +5V).
Please set the protection level by the resistance of ‘82k
Ω’.
Moreover, please set the time constant by ‘22
μ//22μ’ so as not to mis-detect it when the audio signal is output.


Podobny numer części - STK416-090-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK4160MK2 SANYO-STK4160MK2 Datasheet
235Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.4%
STK4160MK5 SANYO-STK4160MK5 Datasheet
230Kb / 4P
   2ch./1packge, - Power Supply 6W/ch. ~ 100W/ch. THD=0.08%?
STK4161 SANYO-STK4161 Datasheet
150Kb / 2P
   2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
logo
List of Unclassifed Man...
STK4161II ETC-STK4161II Datasheet
104Kb / 2P
   2-CHANNEL AF POWER AMP
logo
Sanyo Semicon Device
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
More results

Podobny opis - STK416-090-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
logo
Tumbler Technologies + ...
SPU65 TRUMPOWER-SPU65 Datasheet
632Kb / 1P
   50-80W Switching Power Adapters
logo
LinkCom Manufacturing C...
80W-LCCH LINKCOM-80W-LCCH Datasheet
496Kb / 4P
   80W Power Supply
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
Mean Well Enterprises C...
HLP-80H MEANWELL-HLP-80H_12 Datasheet
355Kb / 4P
   80W Single Output Switching Power Supply
HLG-80H MEANWELL-HLG-80H_12 Datasheet
392Kb / 6P
   80W Single Output Switching Power Supply
logo
List of Unclassifed Man...
HLG-80H-24A ETC2-HLG-80H-24A Datasheet
183Kb / 7P
   80W Single Output Switching Power Supply
logo
Extech Instruments Corp...
382260 EXTECH-382260_15 Datasheet
207Kb / 1P
   80W Switching Mode DC Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com