Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCP69L3 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części BCP69L3
Szczegółowy opis  Medium Power PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BCP69L3 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  BCP69L3 Datasheet HTML 1Page - Cystech Electonics Corp. BCP69L3 Datasheet HTML 2Page - Cystech Electonics Corp. BCP69L3 Datasheet HTML 3Page - Cystech Electonics Corp. BCP69L3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C314L3
Issued Date : 2005.09.29
Revised Date : 2006.01.11
Page No. : 1/4
BCP69L3
CYStek Product Specification
Medium Power PNP Epitaxial Planar Transistor
BCP69L3
Features
• For AF driver and output stage
• Low saturation voltage
• High collector current.
• Complementary to BCP68L3
• Pb-free package
Symbol
Outline
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-25
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current(DC)
IC
-1
A
Collector Current(Pulse)
ICP
-2
A
0.625 (Note 1&2)
1 (Note 1&3)
Power Dissipation @TA=25℃
Pd
1.4 (Note 1&4)
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : 1. SOT-223(SC-73) standard mounting conditions.
2. Device mounted on a FR-4 PCB, single side copper, tin plated, standard footprint for SOT-223
3. Device mounted on a FR-4 PCB, single side copper, tin plated, 1 cm² collector mounting pad.
4. Device mounted on a FR-4 PCB, single side copper, tin plated, 6 cm² collector mounting pad.
BCP69L3
B:Base
C:Collector
E:Emitter
SOT-223
B
C
C
E


Podobny numer części - BCP69L3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
BCP69L-16-AA3-B-R UTC-BCP69L-16-AA3-B-R Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
BCP69L-16-AA3-C-R UTC-BCP69L-16-AA3-C-R Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
BCP69L-16-AA3-E-R UTC-BCP69L-16-AA3-E-R Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
BCP69L-25-AA3-B-R UTC-BCP69L-25-AA3-B-R Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
BCP69L-25-AA3-C-R UTC-BCP69L-25-AA3-C-R Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Podobny opis - BCP69L3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMTECH ELECTRONICS LTD...
MMBT2907W SEMTECH_ELEC-MMBT2907W Datasheet
300Kb / 5P
   PNP Silicon Epitaxial Planar Medium Power Transistor
logo
Leshan Radio Company
L2SA1036KQLT1G LRC-L2SA1036KQLT1G Datasheet
168Kb / 4P
   Medium Power Transistor Epitaxial planar type PNP silicon transistor
logo
Cystech Electonics Corp...
BTP949L3 CYSTEKEC-BTP949L3 Datasheet
210Kb / 6P
   PNP Epitaxial Planar Power Transistor
BTA1640FP CYSTEKEC-BTA1640FP Datasheet
163Kb / 4P
   PNP Epitaxial Planar Power Transistor
BTA1640T3 CYSTEKEC-BTA1640T3 Datasheet
237Kb / 5P
   PNP Epitaxial Planar Power Transistor
BTA1640J3 CYSTEKEC-BTA1640J3 Datasheet
242Kb / 6P
   PNP Epitaxial Planar Power Transistor
BTA1640F3 CYSTEKEC-BTA1640F3 Datasheet
248Kb / 6P
   PNP Epitaxial Planar Power Transistor
BTA1640T3 CYSTEKEC-BTA1640T3 Datasheet
237Kb / 5P
   PNP Epitaxial Planar Power Transistor
BTA1640FP CYSTEKEC-BTA1640FP_07 Datasheet
178Kb / 4P
   PNP Epitaxial Planar Power Transistor
BTA1640I3 CYSTEKEC-BTA1640I3 Datasheet
227Kb / 5P
   PNP Epitaxial Planar Power Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com