Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB1216J3 Arkusz danych(PDF) 1 Page - Cystech Electonics Corp.

Numer części BTB1216J3
Szczegółowy opis  PNP Epitaxial Planar High Current (High Performance) Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1216J3 Arkusz danych(HTML) 1 Page - Cystech Electonics Corp.

  BTB1216J3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB1216J3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C811J3
Issued Date : 2008.12.10
Revised Date : 2009.02.04
Page No. : 1/7
BTB1216J3
CYStek Product Specification
PNP Epitaxial Planar High Current (High Performance) Transistor
BTB1216J3
BVCEO
-140V
IC
-4A
RCE(SAT)
90mΩ typ.
Features
• 4 Amps continuous current, up to 10 Amps peak current
• Very low saturation voltage
• Excellent gain characteristics specified up to 3 Amps
• Extremely low equivalent on resistance, RCE(SAT)=90mΩ at 3A
• RoHS compliant package
Symbol
Outline
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-180
V
Collector-Emitter Voltage
VCEO
-140
V
Emitter-Base Voltage
VEBO
-6
V
Continuous Collector Current
IC
-4
A
Peak Collector Current
ICP
-10 (Note 1)
A
Base Current
IB
-1
A
Power Dissipation @TA=25
°C
1
Power Dissipation @TC=25
°C
Pd
20
W
Operating and Storage Temperature Range
Tj ; Tstg
-55 ~ +150
°C
Note: 1.Single pulse, Pw≤10ms
BTB1216J3
TO-252
B:Base
C:Collector
B
C
E
E:Emitter


Podobny numer części - BTB1216J3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
116Kb / 7P
   12A TRIACS
BTB12 STMICROELECTRONICS-BTB12 Datasheet
138Kb / 12P
   12 A Snubberless, logic level and standard triacs
logo
Suntac Electronic Corp.
BTB12 SUNTAC-BTB12 Datasheet
87Kb / 4P
   12A Triacs logic level
logo
JIEJIE MICROELECTRONICS...
BTB12 JIEJIE-BTB12 Datasheet
514Kb / 5P
   12A TRIACs
logo
STMicroelectronics
BTB12 STMICROELECTRONICS-BTB12 Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
More results

Podobny opis - BTB1216J3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
BTP955E3 CYSTEKEC-BTP955E3 Datasheet
316Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP953L3 CYSTEKEC-BTP953L3 Datasheet
204Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955L3 CYSTEKEC-BTP955L3 Datasheet
209Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP2014L3 CYSTEKEC-BTP2014L3 Datasheet
292Kb / 8P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955J3 CYSTEKEC-BTP955J3 Datasheet
184Kb / 5P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTB4511J3 CYSTEKEC-BTB4511J3 Datasheet
305Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP1955L3 CYSTEKEC-BTP1955L3 Datasheet
264Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
BTP955M3 CYSTEKEC-BTP955M3 Datasheet
251Kb / 6P
   PNP Epitaxial Planar High Current (High Performance) Transistor
logo
KEC(Korea Electronics)
KTA1282 KEC-KTA1282 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
KTA1283 KEC-KTA1283 Datasheet
68Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH CURRENT)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com