Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TIP31CE3 Arkusz danych(PDF) 4 Page - Cystech Electonics Corp.

Numer części TIP31CE3
Szczegółowy opis  3A NPN Epitaxial Planar Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TIP31CE3 Arkusz danych(HTML) 4 Page - Cystech Electonics Corp.

  TIP31CE3 Datasheet HTML 1Page - Cystech Electonics Corp. TIP31CE3 Datasheet HTML 2Page - Cystech Electonics Corp. TIP31CE3 Datasheet HTML 3Page - Cystech Electonics Corp. TIP31CE3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C609E3
Issued Date : 2003.09.04
Revised Date :
Page No. : 4/4
TIP31CE3
CYStek Product Specification
TO-220AB Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.2197
0.2949
5.58
7.49
I
-
*
0.1508
-
*
3.83
B
0.3299
0.3504
8.38
8.90
K
0.0295
0.0374
0.75
0.95
C
0.1732
0.185
4.40
4.70
M
0.0449
0.0551
1.14
1.40
D
0.0453
0.0547
1.15
1.39
N
-
*
0.1000
-
*
2.54
E
0.0138
0.0236
0.35
0.60
O
0.5000
0.5618
12.70
14.27
G
0.3803
0.4047
9.66
10.28
P
0.5701
0.6248
14.48
15.87
H
-
*
0.6398
-
*
16.25
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
A
B
E
G
I
K
M
O
P
3
2
1
C
N
H
D
4
Style: Pin 1.Base 2.Collector 3.Emitter
4.Collector
3-Lead TO-220AB Plastic Package
CYStek Package Code: E3
Marking:
TIP31C


Podobny numer części - TIP31CE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
   POWER TRANSISTORS(3A,40-100V,40W)
logo
Jiangsu Changjiang Elec...
TIP31C JIANGSU-TIP31C Datasheet
2Mb / 3P
   TO-220-3L Plastic-Encapsulate Transistors
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
136Kb / 10P
   Power transistors
logo
SeCoS Halbleitertechnol...
TIP31C SECOS-TIP31C Datasheet
94Kb / 2P
   NPN Plastic-Encapsulate Transistor
logo
Motorola, Inc
TIP31C MOTOROLA-TIP31C Datasheet
196Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
More results

Podobny opis - TIP31CE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
TIP31CJ3 CYSTEKEC-TIP31CJ3 Datasheet
317Kb / 6P
   3A NPN Epitaxial Planar Power Transistor
TIP32CE3 CYSTEKEC-TIP32CE3 Datasheet
150Kb / 4P
   3A PNP Epitaxial Planar Power Transistor
logo
Seme LAB
SMX35 SEME-LAB-SMX35 Datasheet
22Kb / 2P
   SILICON NPN EPITAXIAL PLANAR POWER TRANSISTOR
logo
Cystech Electonics Corp...
TIP41CE3 CYSTEKEC-TIP41CE3 Datasheet
147Kb / 3P
   6A NPN Epitaxial Planar Power Transistor
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com