Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2-TYL1-F1 Arkusz danych(PDF) 1 Page - Marktech Corporate

Numer części LM2-TYL1-F1
Szczegółowy opis  Yellow Power SMT LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LM2-TYL1-F1 Arkusz danych(HTML) 1 Page - Marktech Corporate

  LM2-TYL1-F1 Datasheet HTML 1Page - Marktech Corporate LM2-TYL1-F1 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Yellow Power SMT LED
LM2−TYL1−F1
Features
High Intensity
High Reliability
Applications
Traffic Light
Backlighting
Automotive Use
Marker Lights
Signal and Symbol Luminaire
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
70
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
225.00
mW
Operating Temperature
Topr
−40 ~ +100
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 5 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=50mA
2.60
3.20
V
Reverse Current
IR
VR=5V
10
µA
Luminous Intensity
IV
IF=50mA
900.00
1650.00
mcd
Viewing Angle
2
θ1/2
60
o
deg.
Peak Wavelength
λp
IF=50mA
594
nm
Dominant Wavelength
λd
IF=50mA
591
nm
Spectral Line Half Width
∆λ
IF=50mA
20
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Podobny numer części - LM2-TYL1-F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
LM2-TYL1-F1-N1 CREE-LM2-TYL1-F1-N1 Datasheet
331Kb / 5P
   SMD LED
More results

Podobny opis - LM2-TYL1-F1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
LM2-AYL1-F1 MARKTECH-LM2-AYL1-F1 Datasheet
87Kb / 2P
   Yellow Power SMT LED
logo
List of Unclassifed Man...
SML-LX1110SYC-BTR ETC2-SML-LX1110SYC-BTR Datasheet
62Kb / 1P
   PLCC-4 SMT LED, HIGH POWER, 590NM SUPER YELLOW
logo
LUMEX INC.
SML-LX1110SYC-ATR LUMEX-SML-LX1110SYC-ATR Datasheet
95Kb / 1P
   PLCC-4 SMT LED, HIGH POWER, 590nm SUPER YELLOW
logo
List of Unclassifed Man...
SML-LX1110SYC-ATR ETC2-SML-LX1110SYC-ATR Datasheet
62Kb / 1P
   PLCC-4 SMT LED, HIGH POWER, 590NM SUPER YELLOW
logo
LUMEX INC.
SML-LX1110SYC-BTR LUMEX-SML-LX1110SYC-BTR Datasheet
95Kb / 1P
   PLCC-4 SMT LED, HIGH POWER, 590nm SUPER YELLOW
logo
Roithner LaserTechnik G...
SMB1N-590 ROITHNER-SMB1N-590 Datasheet
521Kb / 3P
   yellow high power led
SMB1N-590-02 ROITHNER-SMB1N-590-02 Datasheet
539Kb / 3P
   yellow high power led
logo
Unisonic Technologies
PYE01NBT-C0 UTC-PYE01NBT-C0 Datasheet
147Kb / 4P
   YELLOW HIGH POWER LED
logo
OptoSupply Internationa...
OSY5XME1C1E OPTOSUPPLY-OSY5XME1C1E Datasheet
164Kb / 1P
   Xeon 1 Power Yellow LED
OSY5XMEHC1E OPTOSUPPLY-OSY5XMEHC1E Datasheet
164Kb / 1P
   Xeon H Power Yellow LED
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com