Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES-2108C-VVM-SRE Arkusz danych(PDF) 2 Page - Advantech Co., Ltd.

Numer części ES-2108C-VVM-SRE
Szczegółowy opis  8.4 Open Frame and Rugged Panel Mount Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ES-2108C-VVM-SRE Arkusz danych(HTML) 2 Page - Advantech Co., Ltd.

  ES-2108C-VVM-SRE Datasheet HTML 1Page - Advantech Co., Ltd. ES-2108C-VVM-SRE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Ordering Information
P/N
Type
Brightness (cd/m2) Interface
Touchscreen
Touch Interface
Anti-Reflection
ES-2108G-VSAE
Open Frame
450
VGA
Tempered Glass
N/A
N/A
ES-2108R-VSAE
Open Frame
450
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2108C-VSAE
Open Frame
450
VGA
Capacitive
RS-232
N/A
ES-2108R-LSA-05E
Open Frame
450
LVDS
5-Wire Resistive
RS-232/USB
N/A
ES-2208R-VSAE
Rugged panel mount
450
VGA
5-Wire Resistive
RS-232/USB
N/A
ES-2208C-VSA-SRE
Rugged panel mount
450
VGA
Capacitive
RS-232
Yes
ES-2108C-VVM-SRE
Open Frame
300
VGA
Capacitive
RS-232
real transflective
Notes:
1.) Capacitive, SAW and Infrared touch panels are recommended for applications requiring sunlight readable outdoor solutions.
2.) The list above is of major part numbers for your reference. Other combinations of LCD, touchscreen and signal interface features can be found in the Advantech Display
Solutions. The Selection Wizard (http://www.advantech.com.tw/ePlatform/DS/DisplaySolution.asp) or CTOS services can be used to get your demand configuration and part
numbers to us for ordering.
3.) For special requests, we welcome you to use the Display Solution DTOS service.
ES-2108/2208
ES-2108
ES-2208
282.00
51.70
10.00
272.00
47.43
264.00
10.00
10.00
85.00
85.00
38.10
75.00
10.0
174.1
132.0
10.0
170.0
10.0
132.0
47.0
CUT OUT
10.0
M3 TAP
(3M
Capactive
T/S)
(ELO
Resistive
T/S)
4.43
(FUJITSU
Resistive
T/S)
2.40
47.43
45.40
49.00
6.00
47.00
4.00
(ELO
SAW T/S)


Podobny numer części - ES-2108C-VVM-SRE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2106C-VVAE ADVANTECH-ES-2106C-VVAE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2106G-VVAE ADVANTECH-ES-2106G-VVAE Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2106G-VVAE ADVANTECH-ES-2106G-VVAE Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106R-LVA-05E ADVANTECH-ES-2106R-LVA-05E Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
More results

Podobny opis - ES-2108C-VVM-SRE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ES-2119 ADVANTECH-ES-2119 Datasheet
318Kb / 2P
   19 Open Frame and Rugged Panel Mount Monitor
ES-2212 ADVANTECH-ES-2212 Datasheet
350Kb / 2P
   12.1 Open Frame and Rugged Panel Mount Monitor
ES-2217 ADVANTECH-ES-2217 Datasheet
83Kb / 2P
   17" Open Frame and Rugged Panel Mount Monitor
ES-2206 ADVANTECH-ES-2206 Datasheet
78Kb / 2P
   6.5" Open Frame and Rugged Panel Mount Monitor
ES-2106 ADVANTECH-ES-2106 Datasheet
287Kb / 2P
   6.5 Open Frame and Rugged Panel Mount Monitor
ES-2115 ADVANTECH-ES-2115 Datasheet
353Kb / 2P
   15 Open Frame and Rugged Panel Mount Monitor
ES-2117 ADVANTECH-ES-2117 Datasheet
333Kb / 2P
   17 Open Frame and Rugged Panel Mount Monitor
ES-2110 ADVANTECH-ES-2110 Datasheet
347Kb / 2P
   10.4 Open Frame and Rugged Panel Mount Monitor
logo
Axiomtek Co., Ltd.
LD-084 AXIOMTEK-LD-084 Datasheet
198Kb / 1P
   8.4 Industrial Open Frame LCD Monitor
P6841O AXIOMTEK-P6841O Datasheet
270Kb / 2P
   8.4 SVGA TFT Industrial Open Frame Monitor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com