Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS2596S Arkusz danych(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Numer części TS2596S
Szczegółowy opis  2A / 150KHz Buck Dc-Dc Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2596S Arkusz danych(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS2596S_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2596S_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2596S_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2596S_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2596S_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2596S_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2596S_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2596S_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS2596S_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TS2596S
2A / 150KHz Buck Dc-Dc Converter
7/9
Version: B07
Electrical Characteristics Curve
Figure 7 – Threshold Voltage vs. Temperature
Figure 8 – ON/OFF Current vs. voltage
Figure 9 – Output Voltage vs. Temperature
Figure 10 – Feedback Current vs. Temperature
Figure 11 – Efficiency (Vin=12V, Vo=3.3V)
Figure 12 – Efficiency (Vin=12V, Vo=5V)


Podobny numer części - TS2596S_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
More results

Podobny opis - TS2596S_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S Datasheet
578Kb / 10P
   2A / 150KHz Buck Dc-Dc Converter
logo
YOBON TECHNOLOGIES,INC.
YB1693 YOBON-YB1693 Datasheet
296Kb / 8P
   2A / 150KHz Buck DC-DC Converter
logo
Taiwan Semiconductor Co...
TS2596S TSC-TS2596S_09 Datasheet
718Kb / 9P
   2A / 150KHz Buck Dc-Dc Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
   2A 150KHz PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com