Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS39103CP518RO Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części TS39103CP518RO
Szczegółowy opis  1A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39103CP518RO Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS39103CP518RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39103CP518RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39103CP518RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39103CP518RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39103CP518RO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39103CP518RO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39103CP518RO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39103CP518RO Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS39103
1A Ultra Low Dropout Voltage Regulator
with Multi-Function
3/8
Version: A08
Electrical Characteristics (Continue)
Enable Input
Low (OFF)
--
--
0.8
Input Logic Voltage
High (ON)
2.25
--
--
V
VEN =2.25V
--
--
75
Enable Pin Input Current
VEN =0.8V
--
--
4
uA
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the Electrical Characteristics.
Note 2: The device is not guaranteed to operate outside its operating rating.
Note 3: Devices are ESD sensitive. Handling precautions recommended.
Note 4: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction
to ambient thermal resistance, ӨJA, and the ambient temperature, Ta. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The
effective value of ӨJA can be reduced by using a heat sink, Pd(max) = (TJ(max) – Ta) / ӨJA.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops -1% below its
nominal value measured at 1V differential.
Note 6: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of
the ground pin current and output load current, IGND = IIN - IOUT for fix output voltage, , IGND = IIN - IOUT +10mA
for fix reference output voltage in full load regulation.
Note 7: VREF ≤ VOUT ≤ (VIN – 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 1.0A.
Note 8: Output voltage temperature coefficient is ΔVOUT (worse cast) / (TJ(max) – TJ(MIN)) where is TJ(max) +125
oC and
TJ(MIN) is 0
oC.
Note 9: For adjustable device and fixed device with VOUT > 2.25V.
Pin Description
Pin Configuration
Pin Description
Enable
TTL/COMS compatible input. Logic high is enable; logic low or open is shutdown
Input
Unregulated input: +16V maximum supply
Ground
Ground: Ground pin and TAB / heat sink are internally connected.
Output
Regulator output
Flag (fixed voltage)
Error Flag (output): Open-collector output. Active low indicates an output fault condition,
if no used, leave open.
Feed Back (adjustable)
Adjustment input: Feedback input. Connect to resistive voltage-divider network.


Podobny numer części - TS39103CP518RO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS39103CP518 TSC-TS39103CP518 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results

Podobny opis - TS39103CP518RO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_07 Datasheet
593Kb / 13P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39101 TSC-TS39101 Datasheet
568Kb / 9P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39103 TSC-TS39103_11 Datasheet
205Kb / 8P
   1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS178RL00 TSC-TS178RL00 Datasheet
214Kb / 6P
   1A Ultra Low Dropout Voltage Regulator with Enable Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39500CZ18 TSC-TS39500CZ18 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ518 TSC-TS39501CZ518 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39501CZ525 TSC-TS39501CZ525 Datasheet
722Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com