Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAM-3920 Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części ADAM-3920
Szczegółowy opis  32-ch Isolated Digital I/O card with 32 TTL Channels and PCI Interface
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-3920 Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-3920 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
www.advantech.com/products
Online Download
All product specifications are subject to change without notice
Last updated : 20-Jan-2006
PCI-1730
PCL-730
Specifications
Digital Input
Channels
16 (16-ch/group)
Compatibility
5 V/TTL
Input Voltage
Logic 0: 0.8 V max.
Logic 1: 2.0 V min.
Interrupt Capable Ch. 2 (DI0, DI1)
Isolated Digital Input
Channels
16 (16-ch/group)
Input Voltage
Logic 0: 1 V max. (PCI-1730 2 V max.)
Logic 1: 5V min. (PCI-1730: 30V max., PCL-730: 24 V)
Interrupt Capable Ch. PCI-1730: 2 (IDI0, IDI1)
PCL-730: 2 (IDI0, IDI1)
Isolation Protection
2,500 V
DC
Opto-Isolator Response PCL-730: 100 µs, PCI-1730: 25 µs
Input Resistance
PCI-1730: 2.7 k
Ω @ 1 W
PCL-730: 1.2 k
Ω @ 0.5 W
Digital Output
Channels
16 (16-ch/group)
Compatibility
5 V/TTL
Output Voltage
Logic 0: 0.8 V max.
Logic 1: 2.0 V min.
Output Capability
Sink: PCI-1730: 24 mA, PCL-730: 8 mA
Source: PCI-1730: 15 mA, PCL-730: 0.4 mA
Isolated Digital Output
Channels
16 (16-ch/group)
Output Type
Sink type (NPN)
Isolation Protection
2,500 VDC
(PCL-730: 1,000 VDC)
Output Voltage
5 ~ 40 VDC
Sink Current
200 mA max./channel
Opto-Isolator Response PCL-730: 100 ms, PCI-1730: 25 ms
 32 isolated DIO ch. (16 inputs and 16 outputs)
 32 TTL-level DIO ch. (16 inputs and 16 outputs)
 High output driving capacity
 Interrupt capability
 Two 20-pin connectors for isolated digital I/O channels and two for TTL
digital I/O channels
 D-type connector for isolated input and output channels
 High-voltage isolation on output channels
32-ch Isolated Digital I/O card with
32 TTL Channels and PCI Interface
32-ch Isolated Digital I/O card with
32 TTL Channels and ISA Interface
PCI-1730
PCL-730
Introduction
PCI-1730 and PCL-730 offer isolated digital input channels as well as isolated digital output channels with isolation protection up to 2,500 V
DC, which makes them ideal for industrial
applications where high-voltage isolation is required. There are also 32 TTL DIO channels.
General
Bus Type
PCI-1730: PCI V2.2
PCL-730: ISA
I/O Connectors
1 x 37-pin D-type female
2 x 20-pin box header for flat cable
Dimensions (L x H)
PCL-730: 185 x 100 mm (7.3” x 3.9”)
PCI-1730: 175 x 100 mm (6.9” x 3.9”)
Power Consumption
PCL-730:
Typical: +5 V @ 330 mA
Max: +5 V @ 500 mA
PCI-1730:
Typical: 5 V @ 250 mA, 12 V @ 35 mA
Max: 5 V @ 400 mA, 12 V @ 60 mA
Operating Temperature 0 ~ 60° C (32 ~ 140° F)
Storing Temperature
PCL-730: -20 ~ 70° C (-4 ~ 158° F)
PCI-1730: -25 ~ 85° C (-13 ~ 185° F)
Storing Humidity
5 ~ 95% RH, non-condensing (see IEC 68-2-3)
Ordering Information
PCI-1730
32-ch Isolated DIO Card, manual and driver CD-ROM
(cable not. included.)
PCL-730
32-channel isolated digital I/O card, user’s manual and
driver CD-ROM (cable not included)
PCL-10120-1
20-pin flat cable, 1m
PCL-10120-2
20-pin flat cable, 2m
PCLD-782
16-channel opto-isolated D/I board
ADAM-3920
20-pin flat cable wiring terminal for DIN-rail mounting
PCLD-885
16-channel power relay (form A) output board
PCLD-785
16-channel relay output board
PCLD-786
8-channel SSR I/O module carrier board
PCLD-780
Universal screw terminal board
PCLD-880
Universal screw terminal board
ADAM-3937
DB37 wiring terminal for DIN-rail mounting
PCL-10137-1
DB37 cable, 1m
PCL-10137-2
DB37 cable, 2m
PCL-10137-3
DB37 cable, 3m


Podobny numer części - ADAM-3920

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ADAM-3920 ADVANTECH-ADAM-3920 Datasheet
179Kb / 1P
   2-ch, 12-bit Analog Output PC/104 Module 100KS/s, 12-bit, 16-ch PC/104 Multifunction Module
ADAM-3920 ADVANTECH-ADAM-3920 Datasheet
610Kb / 1P
   8-ch Relay and Isolated Digital Input PC/104 Module
ADAM-3920 ADVANTECH-ADAM-3920 Datasheet
650Kb / 1P
   32-ch Isolated Digital I/O PCI-104 Module
ADAM-3920 ADVANTECH-ADAM-3920 Datasheet
334Kb / 1P
   12-bit Multifunction Module with Programmable Gain DC to DC Power Supply PC/104-plus Module
ADAM-3920 ADVANTECH-ADAM-3920 Datasheet
534Kb / 1P
   64-ch Digital I/O and Counter ISA Card
More results

Podobny opis - ADAM-3920

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
PCIE-1730 ADVANTECH-PCIE-1730_15 Datasheet
212Kb / 1P
   32-ch TTL and 32-ch Isolated Digital I/O PCI Express Card
PCIE-1730 ADVANTECH-PCIE-1730 Datasheet
234Kb / 1P
   32-ch TTL and 32-ch Isolated Digital I/O PCI Express Card
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
   32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
PCI-1730U ADVANTECH-PCI-1730U_15 Datasheet
271Kb / 1P
   32-ch Isolated Digital I/O Universal PCI Card
PCI-1750 ADVANTECH-PCI-1750_15 Datasheet
276Kb / 1P
   32-ch Isolated Digital I/O and 1-ch Counter PCI Card
PCM-3730I ADVANTECH-PCM-3730I_14 Datasheet
714Kb / 1P
   32-ch Isolated Digital I/O PCI-104 Module
PCM-3730I ADVANTECH-PCM-3730I Datasheet
650Kb / 1P
   32-ch Isolated Digital I/O PCI-104 Module
AIIS-1750 ADVANTECH-AIIS-1750 Datasheet
308Kb / 1P
   32-ch Isolated Digital I/O Card
4-Oct-2018
PCL-734 ADVANTECH-PCL-734 Datasheet
215Kb / 1P
   32-ch Isolated Digital Output Card with PCI Interface
PCL-733 ADVANTECH-PCL-733 Datasheet
208Kb / 1P
   32-ch Isolated Digital Input Card with PCI Interface
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com