Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPC-30T Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części TPC-30T
Szczegółowy opis  3.5 QVGA TFT LCD XScale PXA270 Touch Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-30T Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  TPC-30T Datasheet HTML 1Page - Advantech Co., Ltd. TPC-30T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Touch Panel Computers
Features
TPC-30T
TPC-32T
Intel® PXA270 processor on board
3.5" color TFT LCD
Super slim and compact design with plastic housing
Fanless cooling system
NEMA4/IP65 compliant front panel
Built-in flash memory and Windows CE OS
1 x SD card slot
Automatic data flow control RS-485
Specifications
General
Certifications
BSMI, CCC, CE, FCC, UL
Cooling System
Fanless design
Dimensions (W x H x D) 120.79 x 85.5 x 26.5 mm (4.76" x 3.37" x 1.04")
Enclosure
ABS
Mounting
Panel
OS Support
Windows CE 5.0 (English Version)
Power Consumption
8 W (typical)
Power Input
8 ~ 28 VDC
Watchdog Timer
Programmable as 250 ms, 500 ms, 1 second
Weight (Net)
0.25 kg (0.55 lbs)
System Hardware
CPU
Intel PXA270 312MHz
Memory
64MB on board SDRAM
LAN
10/100Base-T x 1
Storage
32 MB on board NOR flash
SD slot x 1 (SDIO)
I/O
TPC-30T: RS-232/485 x 1 (COM1) with auto data flow
control
USB 1.1 x 1
TPC-32T: Isolated CAN 2.0B Interface/RS-232 x 1
(RS-232 for debug mode)
CAN Controller: SJA-1000
CAN Transceiver: 82C250
USB 1.1 x 1
Introduction
The TPC-30/32T has a super slim compact design and uses a low voltage processor and heat sink to achieve a unique fanless design. With its NEMA4/P65 front panel it is resilient
enough to resist the harsh conditions of any industrial environment. TPC-30/32T provides the Intel XScale PXA270 low voltage processor. With a 320 x 240 resolution and high
graph display, it renders image on display clearly. Furthermore, the TPC-30/32T provides multiple standard communication ports allowing connectivity with a variety of peripherals.
The TPC-30T also supports Windows® CE OS let it become an Open HMI solution for system integration.
LCD Display
Display Type
QVGA TFT LCD
Display Size
3.5"
Max. Resolution
320 x 240
Max. Colors
64 K
Luminance cd/m2
200
Viewing Angle (H/V)
120/110
Backlight Life
30,000 hrs
Contrast Ratio
300 : 1
Touchscreen
Lifespan
1 millions times with a silicone rubber of 8 mm
diameter finger
Light
Transmission Above 80%
Resolution
Linearity
Type
4-wire, analog resistive
Environment
Humidity
10 ~ 95% RH @ 40° C, non-condensing
Ingress Protection
Front panel: NEMA4, IP65
Operating Temperature 0 ~ 50° C (32 ~ 122° F)
Storage Temperature
-20 ~ 60° C (-4 ~ 140° F)
Vibration Protection
1 Grms (5 ~ 500 Hz)
(Operating, random vibration)
3.5" QVGA TFT LCD XScale PXA270
Touch Panel Computer
3.5" QVGA TFT LCD XScale PXA270
Touch Panel Computer with CAN-bus
NEW


Podobny numer części - TPC-30T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
TPC-30 COOPER-TPC-30 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
logo
Advantech Co., Ltd.
TPC-300 ADVANTECH-TPC-300 Datasheet
481Kb / 2P
   Machine Vision Edge Solution Ready Platform
3-Jun-2021
More results

Podobny opis - TPC-30T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
TPC-68T ADVANTECH-TPC-68T Datasheet
267Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
TPC-66SN ADVANTECH-TPC-66SN Datasheet
664Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
TPC-120H ADVANTECH-TPC-120H Datasheet
978Kb / 2P
   12.1 SVGA TFT LCD XScale PXA270 Touch Panel Computer with CAN-bus
TPC-31T-E3AE ADVANTECH-TPC-31T-E3AE Datasheet
684Kb / 2P
   3.5"/5.7" QVGA TFT LED LCD TI Cortex-A8 Touch Panel Computer
TPC-61T ADVANTECH-TPC-61T Datasheet
771Kb / 2P
   5.7"/3.5" QVGA TFT LED LCD TI Cortex-A8 Touch Panel Computer
5-Jan-2021
logo
Schneider Electric
HMIGTO1310FW SCHNEIDER-HMIGTO1310FW Datasheet
101Kb / 3P
   Advanced touchscreen panel, Harmony GTO, 3.5 Color Touch QVGA TFT, logo removed
Apr 27, 2022
logo
Advantech Co., Ltd.
TPC-660E ADVANTECH-TPC-660E Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
TPC-870H ADVANTECH-TPC-870H Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
logo
Purdy Electronics Corpo...
AND-TFT-35VX-UHB-TS PURDY-AND-TFT-35VX-UHB-TS Datasheet
2Mb / 6P
   TFT LCD Touch Panel
logo
Advantech Co., Ltd.
TPC-1261H ADVANTECH-TPC-1261H Datasheet
395Kb / 2P
   12.1 SVGA TFT LCD Geode??LX800 Touch Panel Computer
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com