Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPC-68T Arkusz danych(PDF) 2 Page - Advantech Co., Ltd.

Numer części TPC-68T
Szczegółowy opis  5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TPC-68T Arkusz danych(HTML) 2 Page - Advantech Co., Ltd.

  TPC-68T Datasheet HTML 1Page - Advantech Co., Ltd. TPC-68T Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Unit: mm
www.advantech.com/products
Online Download
TPC-66SN/66T/68T
Rear View
TPC-66SN/66T/68T
CompactFlash x 1
USB 1.1
Client x 1
COM2
(RS-232)
COM3 (RS-232/485)
10/100B-T Ethernet x 1
USB 1.1 Host x 1
COM1
(RS-232)
Fuse
Power
Receptor
Power Switch
Panel Cut-out Dimensions: 189.1 x 142.1 mm
Ordering Information
TPC-66SN-E2AE
5.7" QVGA CSTN LCD with Intel PXA270,
416 MHz CPU, 64 MB DRAM, WinCE 5.0
TPC-66T-E2AE
5.6" QVGA TFT LCD with Intel PXA270,
416 MHz CPU, 64 MB DRAM, WinCE 5.0
TPC-68T-E2AE
TPC-66T-E2E with CAN-bus Support
PWR-247-AE
24 V 50 W AC-DC Power Adapter


Podobny numer części - TPC-68T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cooper Bussmann, Inc.
TPC-6 COOPER-TPC-6 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
TPC-60 COOPER-TPC-60 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
logo
Toppower Electronic Tec...
TPC-60-12S TOPPOWER-TPC-60-12S Datasheet
642Kb / 4P
   60W Wide input AC/DC switching power supply
TPC-60-15S TOPPOWER-TPC-60-15S Datasheet
642Kb / 4P
   60W Wide input AC/DC switching power supply
TPC-60-24S TOPPOWER-TPC-60-24S Datasheet
642Kb / 4P
   60W Wide input AC/DC switching power supply
More results

Podobny opis - TPC-68T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
TPC-66SN ADVANTECH-TPC-66SN Datasheet
664Kb / 2P
   5.7 QVGA CSTN LCD XScale PXA270 Touch Panel Computer
TPC-30T ADVANTECH-TPC-30T Datasheet
639Kb / 2P
   3.5 QVGA TFT LCD XScale PXA270 Touch Panel Computer
TPC-120H ADVANTECH-TPC-120H Datasheet
978Kb / 2P
   12.1 SVGA TFT LCD XScale PXA270 Touch Panel Computer with CAN-bus
TPC-31T-E3AE ADVANTECH-TPC-31T-E3AE Datasheet
684Kb / 2P
   3.5"/5.7" QVGA TFT LED LCD TI Cortex-A8 Touch Panel Computer
TPC-61T ADVANTECH-TPC-61T Datasheet
771Kb / 2P
   5.7"/3.5" QVGA TFT LED LCD TI Cortex-A8 Touch Panel Computer
5-Jan-2021
TPC-660E ADVANTECH-TPC-660E Datasheet
709Kb / 2P
   5.7 VGA TFT LCD Geode??LX800 Touch Panel Computer
logo
Schneider Electric
HMIGTO2315FW SCHNEIDER-HMIGTO2315FW Datasheet
99Kb / 3P
   Advanced touchscreen panel, Harmony GTO, 5.7 Color Touch QVGA Stainless, logo removed
Apr 27, 2022
logo
Hantronix,Inc
HDA570S-V HANTRONIX-HDA570S-V_15 Datasheet
44Kb / 3P
   5.7 TFT QVGA COLOR LCD DISPLAY MODULE
logo
Schneider Electric
HMIGTO2300FW SCHNEIDER-HMIGTO2300FW Datasheet
66Kb / 3P
   Advanced touchscreen panel, Harmony GTO, 5.7 Color Touch QVGA TFT, logo removed
Oct 17, 2021
HMIGTO2300FC SCHNEIDER-HMIGTO2300FC Datasheet
65Kb / 3P
   Advanced touchscreen panel, Harmony GTO, 5.7 Color Touch QVGA TFT, coated display
Sep 20, 2021
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com