Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAM-3962 Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części ADAM-3962
Szczegółowy opis  Wiring Terminals for DIN-rail Mounting
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-3962 Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-3962 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Signal Conditioning Modules and Terminal Boards
Features
Low cost universal DIN-rail mounting screw terminal module for industrial
applications with 68-pin SCSI-II female connector
Case dimensions (W x L x H): 77.5 x 191.2 x 51 mm (3.1" x 8.4" x 2.0")
To Be Used With
PCI-1710/1710L, PCI-1710HG/1710HGL, PCI-1711/1711L, PCI-1712/1712L, PCI
-1716/1716L, PCI-1741U, PCI-1742U, PCI-1747U, PCI-1721, PCI-1723, PCI-1751,
PCI-1753/1753E, PCI-1723, PCI-1780U
ADAM-3968
68-pin SCSI-II Wiring Terminal
for DIN-rail Mounting
ADAM-3968/20
68-pin SCSI-II to Three 20-pin
Wiring Terminal Module for
DIN-rail Mounting
ADAM-39100
100-pin SCSI-II Wiring Terminal
for DIN-rail Mounting
ADAM-3978
DB78 Wiring Terminal for
DIN-rail Mounting
Features
Mounting
Low cost universal DIN-rail mounting screw terminal
module for industrial applications with DB78 female
connector
Case dimensions (W x L x H): 86 x 191 x 42 mm (3.39" x 7.51" x 1.65")
To Be Used With
MIC-3753, PCI-1756
Features
Low cost universal DIN-rail mounting screw terminal module for industrial
applications with 100 pin SCSI-II female connetor
Case dimensions (W x L x H): 80 x 230 x 42 mm (3.14" x 9.05" x 1.65")
To Be Used With
PCI-1755
Features
Low cost universal DIN-rail mounting screw terminal module for PC-LabCard™
products with 68-pin SCSI-II connectors
Converts one 68-pin SCSI-II connector to three 20-pin connectors
Case dimensions (W x L x H): 77.5 x 80 x 54.3 mm (3.1” x 3.2" x 2.1")
To Be Used With
PCI-1751, PCI-1753, PCI-1753E
ADAM-3962
DB62 Wiring Terminal for
DIN-rail Mounting
Features
Low cost universal DIN-rail mounting screw terminal module for DA&C cards with
DB62 female connector
Screw-clamp terminal blocks allow easy and reliable connections
Case dimensions (W x L x H): 77.5 x 124.5 x 63.5 mm (3.1" x 4.9" x 2.5")
To Be Used With
PCI-1243U, PCI-1762
ADAM-3968/50
68-pin SCSI-II to Two 50-pin Box
Header for DIN-rail Mounting
Features
Low cost universal DIN-rail mounting screw terminal module for PC-LabCard™
products with 68-pin SCSI-II connectors
Converts one 68-pin SCSI-II connector to two 50-pin Opto-22 compatible box
headers
Case dimensions (W x L x H): 77.0 x 101.0 x 54.3 mm (3.0" x 4.0" x 2.1")
To Be Used With
PCI-1751, PCI-1753, PCI-1753E
ADAM-3900 Series WiringTerminalsfor
DIN-rail Mounting


Podobny numer części - ADAM-3962

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ADAM-3962 ADVANTECH-ADAM-3962 Datasheet
587Kb / 1P
   16-ch Relay and 16-ch Isolated Digital Input PCI Card
ADAM-3962 ADVANTECH-ADAM-3962 Datasheet
564Kb / 2P
   DIN-rail Terminal Boards
ADAM-3962 ADVANTECH-ADAM-3962 Datasheet
103Kb / 1P
   4-axis Low Cost Stepping Motor Control Universal PCI Card
ADAM-3962 ADVANTECH-ADAM-3962 Datasheet
679Kb / 1P
   DIN-rail Terminal Boards
15-Mar-2016
ADAM-3962-AE ADVANTECH-ADAM-3962-AE Datasheet
611Kb / 1P
   16-ch IDI and 16-ch Universal IDO iDAQ Module
7-Apr-2022
More results

Podobny opis - ADAM-3962

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ADAM-3950D ADVANTECH-ADAM-3950D Datasheet
66Kb / 1P
   Wiring Terminals for DIN-rail Mounting
ADAM-3952 ADVANTECH-ADAM-3952 Datasheet
191Kb / 1P
   PCI-1240U/PCM-3240 Wiring Terminals for DIN-rail Mounting
logo
Pepperl+Fuchs Inc.
UPR-INS-03 PF-UPR-INS-03 Datasheet
432Kb / 2P
   Insert for DIN Mounting Rail
2020-09-23
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
   Cover for DIN Mounting Rail
2021-04-08
POWERBUS-COV.250 PF-POWERBUS-COV.250 Datasheet
361Kb / 2P
   Cover for DIN Mounting Rail
UPR-INS-05 PF-UPR-INS-05 Datasheet
453Kb / 2P
   Insert for DIN Mounting Rail
2020-09-23
UPR-MR PF-UPR-MR Datasheet
259Kb / 1P
   DIN mounting rail
2020-09-23
logo
FIBOX Enclosing innovat...
4712127 FIBOX-4712127 Datasheet
52Kb / 1P
   DIN-35 Mounting rail, for enclosures
18.01.2023
9820011 FIBOX-9820011 Datasheet
36Kb / 1P
   DIN-15 Mounting rail, for enclosures
02.08.2023
9822001 FIBOX-9822001 Datasheet
49Kb / 1P
   DIN-35 Mounting rail, for enclosures
02.08.2023
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com