Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6655 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części ADRF6655
Szczegółowy opis  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6655 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button ADRF6655 Datasheet HTML 2Page - Analog Devices ADRF6655 Datasheet HTML 3Page - Analog Devices ADRF6655 Datasheet HTML 4Page - Analog Devices ADRF6655 Datasheet HTML 5Page - Analog Devices ADRF6655 Datasheet HTML 6Page - Analog Devices ADRF6655 Datasheet HTML 7Page - Analog Devices ADRF6655 Datasheet HTML 8Page - Analog Devices ADRF6655 Datasheet HTML 9Page - Analog Devices ADRF6655 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADRF6655
Rev. 0 | Page 6 of 44
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage, VCC
5.5 V
Digital I/O CLK, DATA, LE
−0.3 V to +3.6 V
OUTP, OUTN
VCC
LOP, LON
16 dBm
INN, INP
20 dBm
DECL3 Using External Bias Option
3.5 V
θJA (Exposed Paddle Soldered Down)1
35°C/W
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
1 Per JDEC standard JESD 51-2. For information on optimizing thermal
impedance, see the Evaluation Board Layout and Thermal Grounding
section.


Podobny numer części - ADRF6655

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADRF6650 AD-ADRF6650 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650-EVALZ AD-ADRF6650-EVALZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ AD-ADRF6650ACPZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ-RL7 AD-ADRF6650ACPZ-RL7 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6658 AD-ADRF6658 Datasheet
679Kb / 31P
   Wideband, Dual Rx Mixers with Integrated IF Amplifiers
More results

Podobny opis - ADRF6655

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com