Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADRF6655-EVALZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADRF6655-EVALZ
Szczegółowy opis  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADRF6655-EVALZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADRF6655-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 9Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 10Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 11Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 12Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 13Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 14Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ADRF6655
Rev. 0 | Page 11 of 44
UPCONVERSION
Measured using typical upconversion circuit schematic with high-side LO and 340 MHz RF input, unless otherwise noted.
OUTPUT FREQUENCY (MHz)
–5
–4
–3
–2
–1
0
1
2
3
4
5
710
810
910
1010
1110
1210
1310
1410
1510
1610
+25°C
–40°C
+85°C
Figure 16. Conversion Gain vs. Output Frequency
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050 2150 2250
LO FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 17. fLO − 2 × fRF Spurious Response vs.
LO Frequency (Relative to IF Output Power)
–80
–70
–60
–50
–40
–30
–20
–10
0
1050 1150 1250 1350 1450 1550 1650 1750 1850 1950 2050
LO FREQUENCY (MHz)
+25°C
–40°C
+85°C
Figure 18. LO-to-IF Output Leakage vs. Frequency
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
710
810
910
1010
1110
1210
1310
1410
1510
1610
OUTPUT FREQUENCY (MHz)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
Figure 19. Output IP3 vs. Output Frequency
710
810
910
1010
1110
1210
1310
1410
1510
1610
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
OUTPUT FREQUENCY (MHz)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
Figure 20. Output P1dB vs. Output Frequency
–170
–160
–150
–140
–130
–120
–110
–100
710
810
910
1010
1110
1210
1310
1410
1510
1610
OUTPUT FREQUENCY (MHz)
Figure 21. Output Noise Spectral Density vs. Output Frequency


Podobny numer części - ADRF6655-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADRF6650 AD-ADRF6650 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650-EVALZ AD-ADRF6650-EVALZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ AD-ADRF6650ACPZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ-RL7 AD-ADRF6650ACPZ-RL7 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6658 AD-ADRF6658 Datasheet
679Kb / 31P
   Wideband, Dual Rx Mixers with Integrated IF Amplifiers
More results

Podobny opis - ADRF6655-EVALZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com