Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDH20D14DNP-1R5NC Arkusz danych(PDF) 3 Page - Sumida Corporation

Numer części CDH20D14DNP-1R5NC
Szczegółowy opis  Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH20D14DNP-1R5NC Arkusz danych(HTML) 3 Page - Sumida Corporation

  CDH20D14DNP-1R5NC Datasheet HTML 1Page - Sumida Corporation CDH20D14DNP-1R5NC Datasheet HTML 2Page - Sumida Corporation CDH20D14DNP-1R5NC Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Electrical Characteristics specification.
◆ CDH20D14D
※1、Saturation Current: This indicates the value of D.C. current when the inductance decreases to 70% of
its nominal value.
※2、Temperature Rise Current: The actual current when temperature of coil becomes △T=40℃.(Ta=20℃)
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600
0.70
0.88
265
±20%
4.7
±20%
CDH20D14DNP-4R7MC
0.74
1.03
215
±20%
3.3
±20%
CDH20D14DNP-3R3MC
0.47
0.56
0.75
1.19
1.50
1.75
2.10
2.60
Saturation
Current
(A)
※1
0.38
765
±20%
10
±20%
CDH20D14DNP-100MC
0.32
1000
±20%
15
±20%
CDH20D14DNP-150MC
0.51
385
±20%
6.8
±20%
CDH20D14DNP-6R8MC
0.82
175
±20%
2.2
±20%
CDH20D14DNP-2R2MC
1.16
100
±20%
1.5
±30%
CDH20D14DNP-1R5NC
1.52
68
±25%
1.0
±30%
CDH20D14DNP-1R0NC
1.60
56
±25%
0.72
±30%
CDH20D14DNP-R72NC
1.88
43
±25%
0.44
±30%
CDH20D14DNP-R44NC
Temperature
Rise Current
(A)
※2
D.C.R.
(m
Ω)
at 20
Inductance
( H)
at 100KHz
Sumida P/N
Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH20D09D,CDH20D11D,
CDH20D14D


Podobny numer części - CDH20D14DNP-1R5NC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDH20D14D SUMIDA-CDH20D14D Datasheet
145Kb / 3P
   Power Inductor Magnetically unshielded construction
More results

Podobny opis - CDH20D14DNP-1R5NC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
9XFXXX6-S3P XFMRS-9XFXXX6-S3P Datasheet
49Kb / 1P
   POWER INDUCTOR
XFHCL2-1R6M XFMRS-XFHCL2-1R6M Datasheet
60Kb / 1P
   POWER INDUCTOR
XFRLH875-101M XFMRS-XFRLH875-101M Datasheet
32Kb / 1P
   POWER INDUCTOR
XFRCRH875-100M XFMRS-XFRCRH875-100M_15 Datasheet
59Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com