Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC7SP302WBG Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TC7SP302WBG
Szczegółowy opis  CMOS Digital Integrated Circuit Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SP302WBG Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TC7SP302WBG Datasheet HTML 1Page - Toshiba Semiconductor TC7SP302WBG Datasheet HTML 2Page - Toshiba Semiconductor TC7SP302WBG Datasheet HTML 3Page - Toshiba Semiconductor TC7SP302WBG Datasheet HTML 4Page - Toshiba Semiconductor TC7SP302WBG Datasheet HTML 5Page - Toshiba Semiconductor TC7SP302WBG Datasheet HTML 6Page - Toshiba Semiconductor TC7SP302WBG Datasheet HTML 7Page - Toshiba Semiconductor TC7SP302WBG Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC7SP302WBG
2009-05-13
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP302WBG
Dual supply 2-Input NOR Gate with Level Translator
The TC7SP302 is a dual supply, advanced high-speed CMOS
2-input dual supply voltage interface NOR gate fabricated with
silicon gate CMOS technology.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
Designed for use as an interface between a 1.2-V, 1.5-V, 1.8-V,
or 2.5-V bus and a 1.8-V, 2.5-V or 3.3-V bus in mixed 1.2-V, 1.5-V,
1.8-V or 2.5-V/1.8-V, 2.5-V or 3.3-V supply systems.
All inputs are equipped with protection circuits against static
discharge.
Features
• Level converter for interfacing 1.2-V to 1.8-V, 1.2-V to 2.5-V, 1.2-V to 3.3-V, 1.5-V to 2.5-V, 1.5-V to 3.3-V, 1.8-V to
2.5-V, 1.8-V to 3.3-V or 2.5 V to 3.3-V system.
• High-speed operation :
tpd = 6.8 ns (max) (VCCA = 2.5 ± 0.2 V, VCCB = 3.3 ± 0.3 V)
tpd = 7.8 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 3.3 ± 0.3 V)
tpd = 9.0 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 31 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 3.3 ± 0.3 V)
tpd = 9.5 ns (max) (VCCA = 1.8 ± 0.15 V, VCCB = 2.5 ± 0.2 V)
tpd = 10.5 ns (max) (VCCA = 1.5 ± 0.1 V, VCCB = 2.5 ± 0.2 V)
tpd = 32 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 2.5 ± 0.2 V)
tpd = 37 ns (max) (VCCA = 1.2 ± 0.1 V, VCCB = 1.8 ± 0.15 V)
• Output current :
IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
IOH/IOL = ±9mA (min) (VCC = 2.3 V)
IOH/IOL = ±3 mA (min) (VCC = 1.65 V)
• Latch-up performance:
-
300 mA
• ESD performance:
Machine model
≥ ±200 V
Human body model
≥ ±2000 V
• Ultra-small package:
WCSP6
• Power-down protection is provided on all inputs and outputs
S-WFBGA6-0102-0.40A01
Weight: 1 mg (typ)


Podobny numer części - TC7SP302WBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC7SP300WBG TOSHIBA-TC7SP300WBG Datasheet
247Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC7SP3066TU TOSHIBA-TC7SP3066TU Datasheet
186Kb / 10P
   Low Voltage Dual Supply Single Bus Switch (analog)
TC7SP3067TU TOSHIBA-TC7SP3067TU Datasheet
186Kb / 10P
   Low Voltage Dual Supply Single Bus Switch (analog)
TC7SP308WBG TOSHIBA-TC7SP308WBG Datasheet
246Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic
More results

Podobny opis - TC7SP302WBG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com