Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADAM-5240 Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części ADAM-5240
Szczegółowy opis  2-port AMONet Master Module 4-axis Stepping/Pulse-type Servo Motor Control Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ADAM-5240 Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  ADAM-5240 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC-based Controllers & I/O Modules
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
RoHS
COMPLIANT
2002/95/EC
NEW
NEW
NEW
2-port AMONet Master Module
4-axis Stepping/Pulse-type Servo
Motor Control Module
2-slot SD Storage Module
ADAM-5202
ADAM-5240
ADAM-5030
ADAM-5202
ADAM-5240
ADAM-5030
Specifications
General
Certifications
CE
Power Consumption 0.5 W (Max.)
Connectors
RJ-45
LED Indictors
Active, Error (Each Port)
Number of Rings
2
Transmission Speed 2.5, 5, 10 or 20 Mbps with
automatic data flow control
Serial Interface
Half duplex RS-485 with
transformer isolation
Cable Type
CAT5 UTP/STP Ethernet
cable
Surge Protection
10 kV
Communication
Max. 100 m (20 Mbps/32
slave modules) or 50 m (20
Mbps/64 slave modules)
Distance
Communication
2 Rings with Max. 128
Slave
(1 Ring with 64 slaves)
Module Number
Operating
0 ~ 50° C (32 ~ 122° F)
Temperature
Note: only for ADAM-5550 Series
Ordering Information
ADAM-5202
2-ring AMONet Master
Module
Specifications
General
Certifications
CE
Power Consumption
1.1 W (Max.)
Connectors
100-pin SCSI-II female
Operating Temperature
0 ~ 60° C (32 ~ 140° F)
Relative Humidity
5 ~ 95 % RH non-condensing
(refer to IEC 68-2-3)
Motion
Number of Axis
4 Axis
External Power input
DC +12 ~ 24 Vdc
2/3-axis Linear Interpolation/2-
axis Circular Interpolation
Range
±2, 147, 483, 646 for each axis
Speed
1PPS ~ 4MPPS
Continuous Interpolation
Speed
1PPS ~ 2MPPS
Drive Output Pulses
Range
1PPS ~ 4MPPS
Pulse Output Type
Pulse /Direction
(1-pulse, 1- direction type)
Up/Down (2-pulse type)
Speed Curve
T/S-curve Acceleration/
Deceleration
Input Pulse for Encoder Interface
Encoder Pulse Input Type Quadrature (A/B phase or
Up/Down)
Counts per Encoder Cycle X1, X2 ,X4 (A/B phase only)
Protection
1,000 Vdc isolation
Input Range
5 V ~ 30 V
External Signals Driving
Input Signal
nEXOP + and nEXOP
Max Input Frequency
100 Hz
Protection
1,000 Vdc Photo coupler isolation
External Deceleration/Instantaneous Stop Signal
Input Signal
nIN1 ~ 3
Max Input Frequency
4 kHz
Protection
1,000 Vdc Photo coupler isolation
Input Pulse for Servo Motor Drives
Input Signal
nALArm (servo alarm)
nINPOS (position command
completed)
General Purpose Output Signal
Ouput Signal
nOUT4 ~ 7
Emergency Stop
Input Signal
EMG – one emergency stop input
for ADAM-5240
Protection
1000 Vdc Photo coupler isolation
and RC filtering
Note: only for ADAM-5550 Series
Ordering Information
ADAM-5240
4-axis Stepping/Pulse Servo
Motor Control Module
Specifications
General
Certification
CE
Power Consumption 0.5 W (Max)
Storage Type
SD (Secure Digital Card)
Storage Number
2
USB Type
USB Rev 2.0 (Compliant)
USB Number
2
Operating
0 ~ 55° C (32 ~ 131° F)
Temperature
Max Storage
1 GB x 2
Format
FAT-16
Interface
PCI Bus
Note: only for ADAM-5550 Series
Ordering Information
ADAM-5030
2-slot SD Storage Module


Podobny numer części - ADAM-5240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
ADAM-5000 ADVANTECH-ADAM-5000 Datasheet
153Kb / 2P
   Distributed DA&C System Based on RS-485
ADAM-5000 ADVANTECH-ADAM-5000 Datasheet
91Kb / 1P
   3-channel RTD Input Module
January 2005
ADAM-5000-485 ADVANTECH-ADAM-5000-485 Datasheet
153Kb / 2P
   Distributed DA&C System Based on RS-485
ADAM-5000-TCP ADVANTECH-ADAM-5000-TCP Datasheet
113Kb / 2P
   4-slot Ethernet-based Distributed DA&C System
ADAM-5000.485 ADVANTECH-ADAM-5000.485_15 Datasheet
208Kb / 1P
   4-slot Distributed DA&C System for RS-485
More results

Podobny opis - ADAM-5240

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
PCI-1220U ADVANTECH-PCI-1220U Datasheet
540Kb / 1P
   2-axis Stepping and Servo Motor Control Universal PCI Card
PCI-1240U ADVANTECH-PCI-1240U Datasheet
533Kb / 1P
   4-axis Stepping and Servo Motor Control Universal PCI Card
PCI-1245L ADVANTECH-PCI-1245L Datasheet
253Kb / 1P
   4-Axis Stepping and Servo Motor Control Universal PCI Card
9-Dec-2019
PCI-1240U ADVANTECH-PCI-1240U_15 Datasheet
291Kb / 1P
   4-axis Stepping and Servo Motor Control Universal PCI Card
PCM-3240 ADVANTECH-PCM-3240 Datasheet
543Kb / 1P
   4-axis Stepping and Servo Motor Control PC/104 Card
PCI-1245L ADVANTECH-PCI-1245L_15 Datasheet
219Kb / 1P
   4-axis Stepping and Servo Motor Control Universal PCI Card
PCI-1245 ADVANTECH-PCI-1245 Datasheet
808Kb / 1P
   DSP-based 4/6-axis Stepping and Servo Motor Control Universal PCI Card
PCI-1265 ADVANTECH-PCI-1265 Datasheet
808Kb / 1P
   DSP-based 4/6-axis Stepping and Servo Motor Control Universal PCI Card
PCI-1245E ADVANTECH-PCI-1245E Datasheet
795Kb / 1P
   Economic DSP-based 4-axis Stepping and Servo Motor Control Universal PCI Card
PCIE-1245 ADVANTECH-PCIE-1245 Datasheet
280Kb / 1P
   Standard/Economic 4-Axis Stepping and Servo Motor Control Universal PCI Express Card
4-Aug-2022
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com