Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF2001 Arkusz danych(PDF) 2 Page - Compact Technology Corp.

Numer części UF2001
Szczegółowy opis  ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CTC [Compact Technology Corp.]
Strona internetowa  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.

UF2001 Arkusz danych(HTML) 2 Page - Compact Technology Corp.

  UF2001 Datasheet HTML 1Page - Compact Technology Corp. UF2001 Datasheet HTML 2Page - Compact Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
FIG.1 - FORWARD CURRENT DERATING CURVE
25
75
100
125
150
1.0
0
50
0.5
1.5
175
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
AMBIENT TEMPERATURE , C
2.0
2.5
3.0
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
0.2
0.4
1.2
1.4
0
0.1
1.0
10
0.6
0.8
1.0
.01
1.8
1.6
TJ = 25 C
UF2001 - UF 2004
UF2005 - UF 2007
PULSE WIDTH 300us
UF2004
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
510
50
100
2
20
0
10
20
30
40
50
60
Single Half-Sine-Wave
(JEDEC METHOD)
FIG.3 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE , VOLTS
10
1
100
100
10
1
4
UF2001 to UF2004
UF2005 to UF2007
TJ = 25 C, f= 1MHz
UF2001 thru UF2007
Compact Technology
CTC0108 Ver. 2.0
2 of 2
UF2001 thru UF2007


Podobny numer części - UF2001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
62Kb / 2P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. A1-2
logo
SAMYANG ELECTRONICS CO....
UF2001 SAMYANG-UF2001 Datasheet
499Kb / 2P
   ULTRA FAST RECTIFIER
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
95Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 3 - 2
logo
Gulf Semiconductor
UF2001 GULFSEMI-UF2001 Datasheet
188Kb / 2P
   ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE竊?0 TO 1000V CURRENT竊?2.0A
logo
Diodes Incorporated
UF2001 DIODES-UF2001 Datasheet
105Kb / 3P
   2.0A ULTRA-FAST RECTIFIER
DS25007 Rev. 4 - 2
More results

Podobny opis - UF2001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR805 LUGUANG-MUR805 Datasheet
170Kb / 2P
   Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
HER601 JUXING-HER601 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N6620 NJSEMI-1N6620 Datasheet
100Kb / 1P
   ULTRA FAST RECTIFIERS
logo
Diode Semiconductor Kor...
MUR1605C DSK-MUR1605C Datasheet
343Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com