Zakładka z wyszukiwarką danych komponentów |
|
V-16-3C25 Arkusz danych(PDF) 8 Page - Omron Electronics LLC |
|
V-16-3C25 Arkusz danych(HTML) 8 Page - Omron Electronics LLC |
8 / 16 page 128 Snap Action Switch V Dimensions ■ Terminals Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of ±0.4 mm applies to all dimensions 2. The following table is for the SPDT contact specifications. Two terminals will be available for SPST-NO or SPST-NC contact specifications. For terminal positions, refer to the above Contact Form 3. Right-angle PCB terminal type is available with some models (not shown). Drawings will be provided if requested. D5: Pins at right angles, to the right D6: Pins at right angle, to the left Terminal type Solder Terminal (A) Quick-connect Terminal (#187) (C2) Quick-connect Terminal (#250) (C) COM bottom position COM side position Terminal dimensions t = 0.5 Three, solder terminals (10) 2.9 (6.5) (5.5) t = 0.5 Three, quick-connect terminals (#187) (10) 2.9 (6.5) (5.5) t = 0.8 Three, quick-connect terminals (#250) (12.0) 3.2 (7.7) (4.9) (10) 2.4 (6.5) (5.5) (10) 2.4 (6.5) (5.5) (12.0) 3.6 (7.7) (4.9) 1.6 dia. 2.4 dia. 4.75 ±0.1 6.35 3.2 (see note) Note: Indicates the length to the center of the 1.6-dia. holes 1.6-dia. terminal hole 4.75 ±0.1 3.2 6.35 1.65-dia. terminal hole 6.35 ±0.1 3.95 8.1 |
Podobny numer części - V-16-3C25 |
|
Podobny opis - V-16-3C25 |