Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TEA2025 Arkusz danych(PDF) 2 Page - Unisonic Technologies

Numer części TEA2025
Szczegółowy opis  STEREO AUDIO AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TEA2025 Arkusz danych(HTML) 2 Page - Unisonic Technologies

  TEA2025 Datasheet HTML 1Page - Unisonic Technologies TEA2025 Datasheet HTML 2Page - Unisonic Technologies TEA2025 Datasheet HTML 3Page - Unisonic Technologies TEA2025 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCTEA2025
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R107-003,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VS
15
V
Output Peak Current
IO
1.5
A
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-40 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25
°C,VCC=9V,Stereo,Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VS
3
12
V
Quiescent Current
IQ
40
50
mA
Quiescent output voltage
VO
4.5
V
Voltage gain
AV
Stereo
43
45
47
dB
Bridge
49
51
53
Voltage gain difference
∆AV
+-1
dB
Input impedance
Ri
30
k
f=1kHz;d=10%
Stereo
per
channel
VCC=9V;RL=4
RL=8
1.7
2.3
1.3
Output Power
PO
VCC=6V;RL=4
RL=8
0.7
1
0.6
W
VCC=3V;RL=4
0.1
Bridge
VCC=9V;RL=8
4.7
VCC=6V;RL=4
2.8
Distortion
d
VCC=9V;RL=4
f=1kHz;PO=250mW
Stereo
0.3
1.5
%
Bridge
0.5
Supply voltage Rejection
SVR
RG=0;AV=45dB
Vripple=150mVRMS
Fripple=100Hz
40
46
dB
Input noise Voltage
Vn
AV=200
Bandwidth:
20Hz to 20kHz
RG=0
RG=10k
1.5
3
3
6
µV
Cross-Talk
C.T.
RG=10k
Ω;
f=1kHz;RL=4
PO=1W
40
55
dB


Podobny numer części - TEA2025

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TEA2025 STMICROELECTRONICS-TEA2025 Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025 UTC-TEA2025 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025-D16-T UTC-TEA2025-D16-T Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
More results

Podobny opis - TEA2025

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025 UTC-TEA2025_10 Datasheet
204Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025A UTC-TEA2025A Datasheet
272Kb / 7P
   STEREO AUDIO AMPLIFIER
TEA2025AH UTC-TEA2025AH Datasheet
223Kb / 7P
   STEREO AUDIO AMPLIFIER
logo
Bookly Micro electronic
TEA2025 BOOKLY-TEA2025 Datasheet
76Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com