Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GSQUX10W-47K-J Arkusz danych(PDF) 1 Page - RFE international

Numer części GSQUX10W-47K-J
Szczegółowy opis  POWER RESISTORS (M)SQ(H, M, P, T, U, Z) Series: Cement Box
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RFE [RFE international]
Strona internetowa  http://www.rfeinc.com
Logo RFE - RFE international

GSQUX10W-47K-J Arkusz danych(HTML) 1 Page - RFE international

  GSQUX10W-47K-J Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C2DC01
REV 2009.1.6
POWER RESISTORS
(M)SQ(H, M, P, T, U, Z) Series: Cement Box
TEMPERATURE RISE
20W
15W
10W
7W
5W
2& 3W
0
20
40
60
80
100
120
250
200
150
100
50
0
Load Factor (%)
DERATING CURVE
100
80
60
40
20
0
-50
0
50
100
150
200
250
300
25 C
70
155
275
C
C
C
Ambient Temperature ( C)
2~ 10W
15& 20W
INTRODUCTION
Cement-Box type resistors offer a choice of resistive
elements inside a white flameproof cement box. In
addition to being flameproof, these resistors are also
non-corrosive and humidity proof. The available
resistive elements are:
SQ
- Standard wire wound (all welded construction)
MSQ
- Metal oxide core
(low inductance, high resistance)
NSQ
- Non-Inductively wound
(Ayrton-Perry Method, all welded construction)
GSQ
- Fiber Glass Core
PART NUMBER EXAMPLE
MSQM 5W - 47K - J
CHARACTERISTICS
RoHS
ü
SPECIFICATIONS
L
35±3
t
H
W
0.8±0.05
SQT
d
H
W
L
35±3
SQP
W
T
H
4.0
min
0.8±0.05
SQM
P±1
P
0.4
P1
P2
4.5
H1
W
H
L
SQZ
SQU
T
P
L
W
2.4f
H
H1
W
1.65f
H
H1
6.2
±0.1
6.4
±0.1
Diagram A
Diagram B
SQH
5W to 10W specifications are the same as SQP5W to 10W
W
H
L
T
SQT5W
10±1
9±1
22±1.5
1.5±0.5
SQT7W
10±1
9±1
35±1.5
3.0±0.5
SQT10W
10±1
9±1
48±1.5
3.0±0.5
W
H
L
P
H
P1
7±1
7±1
10±1
10±1
10±1
P2
3±0.2
3±0.2
3±0.2
1
SQZ5W
10±1
10±1
27±1.5
15±1
10.5±1
10.5±1
15±1
15±1
15±1
10.5±1 4.5~7.5
SQZ7W
10±1
10±1
35±1.5
20±1
SQZ10W
10±1
12±1
48±1.5
32±1
SQZ15W
12±1
12±1
48±1.5
32±1
SQZ20W
12±1
12±1
62±1.5
42±1
SQZ25W
12±1
12±1
62±1.5
42±1
SQM2W
11± 1
20.5±1.5
7±1
5
SQM3W
11± 1
20.5±1.5
7±1
5
SQM5W
13±1
25±1.5
9±1
5
SQM7W
13±1
39±1.5
9±1
5
SQM10W
13±1
51±1.5
9±1
5
SQMX10W
16±1
35±1.5
12±1
7.5
SQMX12.5W
16±1
35±1.5
12±1
7.5
W
H
T
P
SQP2W
7±1
7±1
18±1.5 0.65±0.05
SQP3W
8±1
8±1
22±1.5
0.8±0.05
SQP5W
10±1
9±1
22±1.5
0.8±0.05
SQP7W
10±1
9±1
35±1.5
0.8±0.05
SQP10W
10±1
9±1
48±1.5
0.8±0.05
SQP15W
12.5±1
11.5±1
48±1.5
0.8±0.05
SQP20W
14±1
13.5±1
60±1.5
0.8±0.05
SQP25W
14±1
13.5±1
60±1.5
0.8±0.05
SQ_
MSQ_
0.1- 600 1.0- 100K
0.1- 1.2K 1.0- 100K
0.5- 1.5K
SQ_
MSQ_
0.01- 300 1.0- 50K
0.1- 600 1.0- 50K
0.1- 600 1.0- 50K
0.1- 1K
0.1- 1K
0.1- 1K
0.01-100
1.0 -33K
0.01-100 1.0- 33K
0.01- 300 1.0- 100K
0.1- 500 1.0- 100K
0.1- 600 1.0- 75K
0.1- 360 1.0- 100K
0.1- 600
SQ_
MSQ_
0.01- 100 1.0- 33K
0.01- 300 1.0- 100K
0.01- 300 1.0- 100K
0.1- 600 1.0- 100K
0.1- 1.2K 1.0- 100K
0.5- 1.5K
0.5- 1.5K
0.5- 1.5K
1.6±0.2
1.6±0.2
1.6±0.2
H1
T
Diagram
W
H
L
P
SQU10W
SQU15W
SQU20W
SQU30W
SQU40W
SQ_
MSQ_
10
12.5
12.5
19
19
9
11.5
13.5
19
19
48
48
63
75
90
±1
±1
±1
±1
±1
±1
±1
±1
±1
±1
±1
±1
±1
±1
±1
35
32
44
55
70
±1
±1
±1
±1
±1
18
21
21
32
32
±1
±1
±1
±1
±1
0.4
0.4
0.4
0.8
0.8
A
A
A
B
B
0.1
1
1
1
1
-
-
-
-
-
270
470
560
820
1K
271
471
561
821
1.1K
-
-
-
-
-
50K
150K
150K
150K
150K
5±1
10±1
10±1
Series
SQ_
MSQ_
W
H
L
P (SQH Series)
Resistance Range
SQP1W
6±1
6±1
14±1
0.6±0.05
0.01 - 75 1.0 - 33K
Dd
W
10.5
±0.05
10.5
±0.05
L
H
Termination
5
±3
P
4±0.5
SQH
Test Items
Spec.
Condition
Typical
<1 = 300ppm
>1 = 200ppm
Metal Oxide
Resistance
Temp. Coeff.
Typical
+200ppm/ C
-55 C ~ +200 C
Moisture Load
Life Cycle Test
+3%
40 C 95 @ RH
1,000hrs
Standard
Tolerance
J = +5%, K = +10%
-25 C
500V
2W, 3W, 5W, 7W
750V
10W
1000V
15W, 20W, 25W
Dielectric
+2% + 0.05
1000V, 1 min
Insulation
Resistance
>10 M
500Vdc, 1 min
Short Term
Overload
+(2% + 0.05 )
1000V, 1 min
Load Life
+(5% + 0.05 )
70 C for 1000 hours
Humidity
+5% + 0.05
40 C, 90% RH,
1000 hours
Solderability
95% coverage min.
230 C, 5 sec.
Resistance to
Solder Heat
+(2% + 0.05 )
260 C, 10 sec.
Wirewound
Resistance
Temp. Coeff.
JIS.C.5202.2.5.2
Maximum
Working Voltage*
¿
¿
°
°
°
°
°
°
¿
¿
2
¿
¿
°
°
°
°
¿
*Maximum Voltage per value to be determined by Ohms Law but not to exceed noted voltage.


Podobny numer części - GSQUX10W-47K-J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nihon Inter Electronics...
GSQ05A03L NIEC-GSQ05A03L Datasheet
55Kb / 6P
   Schottky Barrier Diode
GSQ05A03LB NIEC-GSQ05A03LB Datasheet
56Kb / 6P
   Schottky Barrier Diode
logo
National Instruments Co...
GSQ05A03LB NI-GSQ05A03LB_15 Datasheet
131Kb / 1P
   SBD
GSQ05A03L NI-GSQ05A03L_15 Datasheet
116Kb / 1P
   SBD
logo
Nihon Inter Electronics...
GSQ05A04 NIEC-GSQ05A04 Datasheet
55Kb / 6P
   Schottky Barrier Diode
More results

Podobny opis - GSQUX10W-47K-J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
RFE international
SQHG RFE-SQHG Datasheet
467Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.31
SQT RFE-SQT Datasheet
462Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.24
SQZ RFE-SQZ Datasheet
463Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.31
SQH RFE-SQH Datasheet
465Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.31
SQM RFE-SQM Datasheet
459Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.30
SQP RFE-SQP Datasheet
786Kb / 2P
   Cement Box Power Resistors
DEC-01-2023
logo
Token Electronics Indus...
SQP5W100RJ TOKEN-SQP5W100RJ Datasheet
361Kb / 5P
   SQ Ceramic Housed Cement Resistors
logo
TRIAD MAGNETICS
F10-110 TRIAD-F10-110 Datasheet
158Kb / 1P
   P C M O U N T : SPLIT PACK
logo
Powerbox
HAM-AC POWERBOX-HAM-AC Datasheet
160Kb / 1P
   6 7 5 WAT T S - I N P U T H A R M O N I C AT T E N U AT O R M O D U L E
logo
Welwyn Components Limit...
W30 WELWYN-W30 Datasheet
116Kb / 2P
   Cement Coated Wirewound Resistors
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com