Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SAR512P Arkusz danych(PDF) 3 Page - Rohm

Numer części 2SAR512P
Szczegółowy opis  Medium Power Transistors (−30V / −2A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SAR512P Arkusz danych(HTML) 3 Page - Rohm

  2SAR512P Datasheet HTML 1Page - Rohm 2SAR512P Datasheet HTML 2Page - Rohm 2SAR512P Datasheet HTML 3Page - Rohm 2SAR512P Datasheet HTML 4Page - Rohm 2SAR512P Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.10 - Rev.A
Data Sheet
2SAR512P
Electrical characteristic curves
-0.01
-0.1
-1
-10
-0.1
-1
-10
-100
Single pulse
DC Ta=25 C
(Mounted on a
recommended land)
100ms
10ms
1ms
10
100
1000
-1
-10
-100
-1000
-10000
Ta=25 C
VCE= -5V
-2V
-1
-10
-100
-1000
-10000
-1.5
-1
-0.5
0
VCE= -2V
Ta=125 C
75 C
25 C
-40 C
1
10
100
1000
-0.1
-1
-10
-100
COLLECTOR - BASE VOLTAGE : VCB (V)
EMITTER - BASE VOLTAGE : VEB (V)
Ta=25 C
f=1MHz
IE=0A
IC=0A
Cob
Cib
-0.001
-0.01
-0.1
-1
-1
-10
-100
-1000
-10000
IC / IB=20
Ta=125 C
75 C
25 C
-40 C
-0.001
-0.01
-0.1
-1
-1
-10
-100
-1000
-10000
COLLECTOR CURRENT : IC[mA]
Ta=25 C
IC/IB=50
20
10
10
100
1000
-1
-10
-100
-1000
-10000
VCE= -2V
Ta=125 C
75 C
25 C
-40 C
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-2.0
-1.5
-1.0
-0.5
0.0
-2.5mA
-2.0mA
-1.5mA
-1.0mA
-0.5mA
-3.0mA
-5.0mA
10
100
1000
10
100
1000
EMITTER CURRENT : IE[mA]
Ta=25 C
VCE=-10V
COLECTOR TO EMITTER VOLTAGE : VCE[V]
Fig.1 Typical Output Characteristics
COLLECTOR CURRENT : IC[mA]
COLLECTOR CURRENT : I C[mA]
Fig8. Gain Bandwidth Product vs.
Emitter Current
COLLECTOR TO EMITTER VOLTAGE : VCE(V)
BASE TO EMITTER VOLTAGE : VBE[V]
Fig.9 Safe Operating Area
Fig.7 Emitter Input Capacitance
vs. Emitter-Base Voltage
Collector Output Capacitance
vs. Collector-Base Voltage
Fig.6 Ground Emitter Propagation
Characteristics
COLLECTOR CURRENT : IC[mA]
C
DC Ta=25
(Mounted on a ceramic board)
Fig2. DC Current Gain
vs. Collector Current ( )
Ι
Fig3. DC Current Gain
vs.Collector Current ( )
ΙΙ
Fig4. Collector-Emitter Saturation Voltage
vs. Collector Current ( )
Ι
Fig5. Collector-Emitter Saturation Voltage
vs. Collector Current ( )
ΙΙ


Podobny numer części - 2SAR512P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SAR512P ROHM-2SAR512P Datasheet
439Kb / 8P
   PNP -2.0A -30V Middle Power Transistor
2SAR512P5 ROHM-2SAR512P5 Datasheet
1Mb / 9P
   Medium Power Transistors(-30V/-2A)
2SAR512PFRA ROHM-2SAR512PFRA Datasheet
1Mb / 8P
   Middle Power Transistor(-30V/-2A)
More results

Podobny opis - 2SAR512P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
MP6T2 ROHM-MP6T2 Datasheet
112Kb / 4P
   Medium Power Transistor (−32V, −2A)
2SB1561 ROHM-2SB1561_09 Datasheet
175Kb / 3P
   Medium Power Transistor (−60V, −2A)
2SB1427 ROHM-2SB1427_1 Datasheet
69Kb / 3P
   Power transistor (−20V, −2A)
2SB1580 ROHM-2SB1580 Datasheet
78Kb / 3P
   Power Transistor (−100V , −2A)
RSS090P03 ROHM-RSS090P03 Datasheet
85Kb / 5P
   Switching (−30V, −9.0A)
logo
Comset Semiconductor
BSV15 COMSET-BSV15 Datasheet
81Kb / 4P
   MEDIUM POWER TRANSISTORS
logo
Rohm
SP8J4 ROHM-SP8J4 Datasheet
66Kb / 5P
   Switching (−30V, −2.0A)
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
NXP Semiconductors
BSR40 PHILIPS-BSR40 Datasheet
41Kb / 8P
   NPN medium power transistors
1999 Apr 28
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
   NPN medium power transistors
1997 Apr 23
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com