Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1468S Arkusz danych(PDF) 1 Page - Rohm

Numer części 2SD1468S
Szczegółowy opis  Muting Transistor (15V, 1A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SD1468S Arkusz danych(HTML) 1 Page - Rohm

  2SD1468S Datasheet HTML 1Page - Rohm 2SD1468S Datasheet HTML 2Page - Rohm 2SD1468S Datasheet HTML 3Page - Rohm 2SD1468S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.B
Muting Transistor (15V, 1A)
2SD1468S
Features
Dimensions (Unit : mm)
1) Low saturation voltage, typically VCE(sat) = 0.08V at
Ic / IB = 500mA / 500
A.
2) Ideal for low voltage, high current drives.
3) High DC current gain and high current.
Absolute maximum ratings (Ta=25C)
Parameter
Symbol
VCBO
VCES
VEBO
IC
PC
Tj
Tstg
Limits
30
15
5
1
0.3
150
−55 to +150
Unit
V
V
V
A
W
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Electrical characteristics (Ta=25C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
fT
Cob
30
15
5
50
0.08
150
15
0.5
0.5
0.4
30
V
V
V
μA
μA
V
MHz
pF
IC
=50μA
IC
=1mA
IE
=50μA
VCB
=20V
VEB
=4V
IC/IB
=0.5mA/50mA
hFE
120
390
VCE
/IC
=3V/0.1A
VCE
=5V , IE= −50mA , f=100MHz
VCE
=10V , IE=0A , f=1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
Transition frequency
Output capacitance
DC current transfer ratio
Packaging specifications and hFE
Type
2SD1468S
SPT
QRS
5000
Package
hFE
TP
Code
Basic ordering unit (pieces)
Taping specifications
SPT
0.45
2.5
(1) (2) (3)
5.0
0.45
0.5
4.0
2.0
(1)Emitter
(2)Collector
(3)Base


Podobny numer części - 2SD1468S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD1468S ROHM-2SD1468S Datasheet
73Kb / 4P
   Muting Transistor (15V, 1A)
logo
SeCoS Halbleitertechnol...
2SD1468S SECOS-2SD1468S Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
2SD1468S JIANGSU-2SD1468S Datasheet
636Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
2SD1468S-Q SECOS-2SD1468S-Q Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
2SD1468S-R SECOS-2SD1468S-R Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
More results

Podobny opis - 2SD1468S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD1468S ROHM-2SD1468S Datasheet
73Kb / 4P
   Muting Transistor (15V, 1A)
2SB1590K ROHM-2SB1590K Datasheet
71Kb / 3P
   Power Transistor (-15V, -1A)
2SD2444K ROHM-2SD2444K Datasheet
69Kb / 3P
   Power Transistor (15V, 1A)
2SD2444K ROHM-2SD2444K_1 Datasheet
74Kb / 3P
   Power Transistor (15V, 1A)
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
   15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
   15V, 1A Rectifier
SBS004 SANYO-SBS004 Datasheet
39Kb / 3P
   15V, 1A Rectifier
SBS804 SANYO-SBS804 Datasheet
25Kb / 3P
   15V, 1A Rectifier
logo
ON Semiconductor
15C02MH ONSEMI-15C02MH Datasheet
368Kb / 6P
   nullBipolar Transistor 15V, 1A, Low VCE(sat) NPN Single MCPH3
August, 2013
15C02CH ONSEMI-15C02CH Datasheet
581Kb / 6P
   Bipolar Transistor 15V, 1A, Low VCE(sat) NPN Single CPH3
August, 2013
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com