Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SD1857 Arkusz danych(PDF) 2 Page - Rohm

Numer części 2SD1857
Szczegółowy opis  Power Transistor (120V, 2A)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

2SD1857 Arkusz danych(HTML) 2 Page - Rohm

  2SD1857 Datasheet HTML 1Page - Rohm 2SD1857 Datasheet HTML 2Page - Rohm 2SD1857 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SD1857
Data Sheet
2/2
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.E
Electrical characteristics curves
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.1 Ground emitter output characteristics
0
0.2
0.4
0.6
0.8
1.0
1
2
3
4
5
0
Ta
=25°C
IB
=0mA
1mA
2mA
3mA
5mA
6mA
7mA
8mA
9mA
10mA
4mA
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.2 Ground emitter propagation characteristics
0
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VCE
=5V
COLLECTOR CURRENT : IC
(A)
Fig.3 DC current gain vs. collector current ( )
1
2
5
10
20
50
100
200
500
1000
0.01 0.02
0.05
0.1 0.2
0.5
12
5
10
Ta
=25°C
5V
VCE
=10V
COLLECTOR CURRENT : IC
(A)
Fig.4 DC current gain vs. collector current (
)
1
2
5
10
20
50
100
200
500
1000
0.01 0.02
0.05
0.1 0.2
0.5
12
5
10
Ta
=100°C
25
°C
−25°C
VCE
=5V
COLLECTOR CURRENT : IC
(A)
Fig.5 Collector-emitter saturation voltage
vs. collector current
0.01
0.01 0.02
0.05
0.1
0.2
0.5
1
2
5
10
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Ta
=25°C
IC/IB
=5V
10
COLLECTOR CURRENT : IC
(A)
Fig.6 Collector-emitter saturation
Base-emitter saturation vs. collector current
0.01
0.01
0.02
0.02
0.05
0.05
0.1
0.1
0.2
0.2
0.5
0.5
1
1
2
5
10
25
10
Ta
=100°C
Ta
= −25°C
−25°C
25
°C
25
°C
100
°C
VCE(sat)
VBE(sat)
IC/IB
=10
EMITTER CURRENT : IE
(mA)
Fig.7 Gain bandwidth product vs. emitter current
1
2
5
10
20
50
100
200
500
1000
−1 −2
−5 −10 −20
−50 −100 −200
−500 −1000
VCE
=5V
Ta
=25°C
COLLECTOR TO BASE VOLTAGE : VCB
(V)
Fig.8 Collector output capacitance
vs. collector-base voltage
1
2
5
10
20
50
100
200
500
1000
0.1 0.2
0.5
1
2
5
10 20
50 100
Ta
=25°C
f=1MHz
IE
=0A
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
0.2
0.1
0.5 12
5 10 20
50 100
500 1000
200
5
0.5
2
0.2
1
0.1
0.02
0.01
0.005
0.002
0.001
0.05
10
Fig.9 Safe operating area
DC
Ta
=25°C
∗Single
nonrepetitive
pulse
IC Max(PULSE
∗)


Podobny numer części - 2SD1857

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
2SD1857 ROHM-2SD1857 Datasheet
43Kb / 1P
   Power Transistor
2SD1857 ROHM-2SD1857 Datasheet
80Kb / 4P
   Power Transistor (120V, 1.5A)
logo
Unisonic Technologies
2SD1857 UTC-2SD1857 Datasheet
35Kb / 2P
   POWER TRANSISTOR
2SD1857 UTC-2SD1857 Datasheet
132Kb / 3P
   POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SD1857 ISC-2SD1857 Datasheet
131Kb / 2P
   Low collector output capacitance
More results

Podobny opis - 2SD1857

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
2SD2635 SANYO-2SD2635 Datasheet
35Kb / 3P
   120V / 2A Driver Applications
logo
Rohm
2SB1340 ROHM-2SB1340 Datasheet
38Kb / 1P
   Power Transistor (120V, -6A)
logo
PFC Device Inc.
PTA2L120 PFC-PTA2L120 Datasheet
564Kb / 5P
   2A 120V HPTR짰 Schottky Rectifier
logo
Rohm
2SB1236 ROHM-2SB1236 Datasheet
73Kb / 3P
   Power Transistor (-120V , -1.5A)
2SC4132 ROHM-2SC4132 Datasheet
80Kb / 4P
   Power Transistor (120V, 1.5A)
2SD1957 ROHM-2SD1957 Datasheet
39Kb / 1P
   Power Transistor (120V, 7A)
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
   Middle Power Transistor(120V/1.5A)
2SCR587D3 ROHM-2SCR587D3 Datasheet
1Mb / 11P
   NPN 3A 120V Power Transistor
2SD1861 ROHM-2SD1861 Datasheet
72Kb / 3P
   Power transistor (40V, 2A)
2SD2195 ROHM-2SD2195 Datasheet
81Kb / 4P
   Power Transistor (100V , 2A)
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com